Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABS1116503 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ABS1116503
Description  HIGH ENVIRONMENTAL RESISTANCE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ABS1116503 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ABS1116503 Datasheet HTML 1Page - Panasonic Semiconductor ABS1116503 Datasheet HTML 2Page - Panasonic Semiconductor ABS1116503 Datasheet HTML 3Page - Panasonic Semiconductor ABS1116503 Datasheet HTML 4Page - Panasonic Semiconductor ABS1116503 Datasheet HTML 5Page - Panasonic Semiconductor ABS1116503 Datasheet HTML 6Page - Panasonic Semiconductor ABS1116503 Datasheet HTML 7Page - Panasonic Semiconductor ABS1116503 Datasheet HTML 8Page - Panasonic Semiconductor ABS1116503 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ABS1,4,5
3. Immersion protected type (2 wire leads type SPST-NC) With agency standard type will be discontinued from August 31,
2012.
AgNi alloy
Au-clad triple layer
Au-clad double layer
* Agency standard: Please refer to “Ordering information”.
Actuator
Operating force
Max.
SPST-NC
Wire position
Straight
Right angle
Left angle
Pin plunger
0.98 N
ABS1620403
ABS4620403
ABS5620403
1.47 N
ABS1620503
ABS4620503
ABS5620503
Short hinge lever
0.39 N
ABS1621403
ABS4621403
ABS5621403
0.59 N
ABS1621503
ABS4621503
ABS5621503
Hinge lever
0.34 N
ABS1622403
ABS4622403
ABS5622403
0.54 N
ABS1622503
ABS4622503
ABS5622503
Long hinge lever
0.25 N
ABS1623403
ABS4623403
ABS5623403
0.44 N
ABS1623503
ABS4623503
ABS5623503
Simulated roller lever
0.34 N
ABS1624403
ABS4624403
ABS5624403
0.54 N
ABS1624503
ABS4624503
ABS5624503
Roller lever
0.39 N
ABS1626403
ABS4626403
ABS5626403
0.59 N
ABS1626503
ABS4626503
ABS5626503
Actuator
Operating force
Max.
SPST-NC
Wire position
Straight
Right angle
Left angle
Pin plunger
0.98 N
ABS1620413
ABS4620413
ABS5620413
1.47 N
ABS1620513
ABS4620513
ABS5620513
Short hinge lever
0.39 N
ABS1621413
ABS4621413
ABS5621413
0.59 N
ABS1621513
ABS4621513
ABS5621513
Hinge lever
0.34 N
ABS1622413
ABS4622413
ABS5622413
0.54 N
ABS1622513
ABS4622513
ABS5622513
Long hinge lever
0.25 N
ABS1623413
ABS4623413
ABS5623413
0.44 N
ABS1623513
ABS4623513
ABS5623513
Simulated roller lever
0.34 N
ABS1624413
ABS4624413
ABS5624413
0.54 N
ABS1624513
ABS4624513
ABS5624513
Roller lever
0.39 N
ABS1626413
ABS4626413
ABS5626413
0.59 N
ABS1626513
ABS4626513
ABS5626513
Actuator
Operating force
Max.
SPST-NC
Wire position
Straight
Right angle
Left angle
Pin plunger
0.98 N
ABS1620449
ABS4620449
ABS5620449
1.47 N
ABS1620549
ABS4620549
ABS5620549
Short hinge lever
0.39 N
ABS1621449
ABS4621449
ABS5621449
0.59 N
ABS1621549
ABS4621549
ABS5621549
Hinge lever
0.34 N
ABS1622449
ABS4622449
ABS5622449
0.54 N
ABS1622549
ABS4622549
ABS5622549
Long hinge lever
0.25 N
ABS1623449
ABS4623449
ABS5623449
0.44 N
ABS1623549
ABS4623549
ABS5623549
Simulated roller lever
0.34 N
ABS1624449
ABS4624449
ABS5624449
0.54 N
ABS1624549
ABS4624549
ABS5624549
Roller lever
0.39 N
ABS1626449
ABS4626449
ABS5626449
0.59 N
ABS1626549
ABS4626549
ABS5626549
AECTB2E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - ABS1116503

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
ABS11 HY-ABS11 Datasheet
378Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
ABS110 HY-ABS110 Datasheet
378Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
logo
Shanghai Leiditech Elec...
ABS110 LEIDITECH-ABS110 Datasheet
955Kb / 3P
   Glass passivated bridge rectifier
logo
First Silicon Co., Ltd
ABS110S FS-ABS110S Datasheet
353Kb / 3P
   Surface Mount Schottky Bridge Rectifier Reverse Voltage 100 Volts Forward Current 1.0 Ampere
logo
Chip Integration Techno...
ABS110S-B CITC-ABS110S-B Datasheet
227Kb / 4P
   Single Phase 1.0AMP Surface Mount
More results

Similar Description - ABS1116503

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ABV161040 NAIS-ABV161040 Datasheet
565Kb / 5P
   HIGH ENVIRONMENTAL RESISTANCE
logo
Glenair, Inc.
940-016 GLENAIR-940-016 Datasheet
77Kb / 2P
   High-Pressure Environmental
227-015 GLENAIR-227-015 Datasheet
168Kb / 1P
   High-Pressure Environmental Plug
logo
Delta Electronics, Inc.
CMK08B02TH DELTA-CMK08B02TH Datasheet
54Kb / 1P
   Low cost, Low resistance, Excellent electrical isolation and environmental stability
logo
TXC Corporation.
AH-SERIES TXC-AH-SERIES Datasheet
954Kb / 1P
   High reliable environmental performance.
logo
Glenair, Inc.
220-00 GLENAIR-220-00 Datasheet
119Kb / 2P
   High-Pressure Environmental/Hermetic
220-01 GLENAIR-220-01 Datasheet
110Kb / 2P
   High-Pressure Environmental/Hermetic
220-02 GLENAIR-220-02 Datasheet
136Kb / 2P
   High-Pressure Environmental/Hermetic
227-158 GLENAIR-227-158 Datasheet
95Kb / 2P
   High-Pressure Environmental Cable Plug
220-06 GLENAIR-220-06 Datasheet
174Kb / 2P
   High-Pressure Environmental Cable Plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com