Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK73H1JGTD1002F Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RK73H1JGTD1002F
Description  THICK FILM竊늁RECISION竊
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73H1JGTD1002F Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RK73H1JGTD1002F Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73H1JGTD1002F Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
定格周囲温度 Rated Ambient Temperature :+70℃
使用温度範囲 Operating Temperature Range :−55℃〜+125℃(1H)、−55℃〜+155℃(1E・1J・2A・2B・2E・W2H・W3A)
■性能 Performance
■定格 Ratings
定格電圧は 定格電力×公称抵抗値による算出値、又は表中の最高使用電圧のいずれか小さい値が定格電圧となります。
Rated voltage= Power Rating×Resistance value or Max. working voltage, whichever is lower.
※4 RK73H1F(F:±1%)及びRK73H1H(1Ω≦R≦9.1Ω、F:±1%)の公称抵抗値はE24となります。
※5( )内の最高使用電圧、最高過負荷電圧については、お問い合わせ下さい。
※4 The nominal resistance value for RK73H1F(F:±1%)and RK73H1H(1Ω≦R≦9.1Ω, F:±1%)is E24.
※5 Please consult with us about the Max. working voltage and the Max. overload voltage with ( ).
√ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄
√ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄
■使用上の注意 Precautions for Use
チップ抵抗器の基材はアルミナです。実装する基板との熱膨張係数の違いから、ヒートサイクル等の熱ストレスを繰り返し与えた場合、接合部のはんだ(はんだフィレット部)に
クラックが発生する場合があります。特にW2H・W3Aの大型タイプの場合、熱膨張が大きく、また、自己発熱も大きいことより、周囲温度の変動が大きく繰り返される場合や、
負荷のオンオフが繰り返される場合は、クラックの発生に注意が必要です。一般的なヒートサイクル試験をガラエポ基板(FR-4)を用い、使用温度範囲の上限・下限で行った場合、
1F〜2Eのタイプでは、クラックは発生しにくいですが、W2H・W3Aタイプは、クラックが発生しやすい傾向にあります。熱ストレスによるクラックの発生は、実装されるラン
ドの大きさ、はんだ量、実装基板の放熱性等に左右されますので、周囲温度の大きな変化や負荷のオンオフの様な使用条件が想定される場合は、十分注意して設計して下さい。
RK73H1Fでは機器組立工程における静電気の発生・印加により抵抗器が損傷する場合がありますのでご注意下さい。
The substrate of chip resistors is alumina. Cracks may occur at the connection of solder (solder fillet portion) due to the difference of the coefficient of thermal expansion from a
mounting board when heat stress like heat cycle, etc. are repeatedly given to them. Care should be taken to the occurrence of the cracks when the change in ambient temperature or
ON /OFF of load is repeated, especially when large types of W2H/W3A which have large thermal expansion and also self heating. By general temperature cycle test using glass-
epoxy(FR-4) boards under the maximum/minimum temperatures of operating temperature range, the crack does not occur easily in the types of 1F〜2E, but the crack tends to
occur in the types of W2H/W3A. The occurrence of the crack by heat stress may be influenced by the size of a pad, solder volume, heat radiation of mounting board etc., so please
pay careful attention to designing when a big change in ambient temperature and conditions for use like ON/OFF of load can be assumed.
Care should be taken that RK73H1F may be damaged when static electricity occurs and is applied in the equipment.
本カタログに掲載の仕様は予告なく変更する場合があります。御注文及び御使用前に、納入仕様書などで内容を御確認下さい。
車載機器、医療機器、航空機器など人命に関わったり、あるいは甚大な損害を引き起こす可能性のある機器への御使用を検討される場合には、必ず事前に御相談下さい。
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koanet.co.jp
形 名
Type
抵抗温度
係数
T.C.R.
(×10−6/K)
定格電力
Power
Rating
抵抗値範囲
Resistance Range(Ω) 最高使用電圧
Max. Working
Voltage
最高
過負荷電圧
Max. Overload
Voltage
二次加工と包装数/リール
Packaging & Q'ty/Reel(pcs)
D:±0.5%
E24・E96
F:±1%
E24・E96
TX
TBL
TA
TC・TCM TPL・TP
TD
TE
1F
±250
0.03W
6.8k〜1M※4
15V
30V
40,000 20,000
±300
10〜6.2k※4
1H
±200
0.05W
10〜1M
10〜10M
25V
50V
35,000 TC :10,000
TCM:15,000
±400
1.0〜9.1※4
1E
±100
0.063W
10〜1M
10〜1M
50V
100V
TPL:20,000
TP :10,000
±200
1.0〜9.76
1.02M〜10M
1J
±100
0.1W
10〜1M
10〜1M
TP :10,000 5,000
±200
1.0〜9.76
1.02M〜10M
2A
±100
0.125W
10〜1M
10〜1M
150V
200V
TP :10,000 5,000
4,000
±200
1.0〜9.76
±400
1.02M〜10M
2B
±100
0.25W
10〜1M
10〜1M
200V
400V
5,000
4,000
±200
1.0〜9.76
1.02M〜5.6M
±400
5.62M〜10M
2E
±100
0.5W
10〜1k
10〜1k
5,000
4,000
0.33W
1.02k〜1M 1.02k〜1M
±200
0.5W
1.0〜9.76
0.33W
1.02M〜5.6M
±400
5.62M〜10M
W2H
±100
0.75W
10〜1M
10〜1M
4,000
±200
1.0〜9.76
1.02M〜5.6M
±400
5.62M〜10M
W3A
±100
1.0W
10〜1M
10〜1M
200V
(500V※5
400V
(500V※5
4,000
±200
1.0〜9.76
1.02M〜5.6M
±400
5.62M〜10M
試験項目
Test Items
規格値 Performance Requirements
ΔR±(%+0.05Ω)
試験方法
Test Methods
保証値 Limit
代表値 Typical
抵抗値
Resistance
規定の許容差内
Within specified tolerance
25℃
抵抗温度係数
T.C.R.
規定値内
Within specified T.C.R
+25℃/−55℃ and +25℃/+125℃
過負荷(短時間)
Overload(Short time)
2
1:1F
0.5:another
定格電圧×2.5倍を5秒印加(2Bのみ定格電圧×2倍)
Rated voltage×2.5 for 5s(2B:Rated voltage×2 for 5s)
はんだ耐熱性
Resistance to soldering heat
1:1F〜W3A(10Ω≦R≦1MΩ)
3:1E〜W3A(R<10Ω, R>1MΩ)
0.75:1F, 1H(10Ω≦R≦1MΩ)
1:1E〜W3A(R<10Ω, R>1MΩ)
0.5:another
260℃±5℃, 10s±1s
温度急変
Rapid change of temperature
1:1F
0.5:another
0.5:1F
0.3:another
−55℃(30min.)/+125℃(30min.)100 cycles
耐湿負荷
Moisture resistance
2:1J, 2A, 2B
3:another
0.75:1J, 2A, 2B
1.5:1F
1:another
40℃±2℃, 90%〜95%RH, 1000h
1.5時間 ON/0.5時間 OFFの周期 1.5h ON/0.5h OFF cycle
70℃での耐久性
Endurance at 70℃
2:1J, 2A, 2B
3:another
0.75:1J, 2A, 2B
1:another
70℃±2℃, 1000h
1.5時間 ON/0.5時間 OFFの周期 1.5h ON/0.5h OFF cycle
高温放置
High temperature exposure
1
0.5:1F
0.3:another
+125℃, 1000h:1H
+155℃, 1000h:1E, 1J, 2A, 2B, 2E, W2H, W3A


Similar Part No. - RK73H1JGTD1002F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H1JGTD1002F KOA-RK73H1JGTD1002F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1JGTD1002F KOA-RK73H1JGTD1002F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1JGTD1002F KOA-RK73H1JGTD1002F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
More results

Similar Description - RK73H1JGTD1002F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H1JTTD1501F KOA-RK73H1JTTD1501F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H2BTTD2201F KOA-RK73H2BTTD2201F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1JTTD51R0F KOA-RK73H1JTTD51R0F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H2BTTD1001F KOA-RK73H2BTTD1001F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1JTTD75R0F KOA-RK73H1JTTD75R0F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1JTTD47R0F KOA-RK73H1JTTD47R0F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H2BTTD1601F KOA-RK73H2BTTD1601F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H2BTTD2R20F KOA-RK73H2BTTD2R20F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1JTTD4302F KOA-RK73H1JTTD4302F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1ETTP2204F KOA-RK73H1ETTP2204F Datasheet
852Kb / 2P
   THICK FILM竊늁RECISION竊
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com