Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE64101 Datasheet(PDF) 9 Page - Peregrine Semiconductor

Part # PE64101
Description  UltraCMOS Digitally Tunable Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE64101 Datasheet(HTML) 9 Page - Peregrine Semiconductor

Back Button PE64101 Datasheet HTML 5Page - Peregrine Semiconductor PE64101 Datasheet HTML 6Page - Peregrine Semiconductor PE64101 Datasheet HTML 7Page - Peregrine Semiconductor PE64101 Datasheet HTML 8Page - Peregrine Semiconductor PE64101 Datasheet HTML 9Page - Peregrine Semiconductor PE64101 Datasheet HTML 10Page - Peregrine Semiconductor PE64101 Datasheet HTML 11Page - Peregrine Semiconductor PE64101 Datasheet HTML 12Page - Peregrine Semiconductor PE64101 Datasheet HTML 13Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Product Specification
PE64101
Page 9 of 13
Document No. 70-0378-01 │ www.psemi.com
©2012 Peregrine Semiconductor Corp. All rights reserved.
Table 9. Equivalent Circuit Data
State
DTC Core
Parasitic Elements
Binary
Decimal
Cs [pF]
Rs [Ω]
Cp1 [pF] Cp2 [pF]
Rp2 [kΩ]
Ls [nH] Rp1 [Ω]
00000
0
0.97
0.80
0.40
0.51
22.0
0.40
00001
1
1.12
1.73
0.40
0.51
22.0
00010
2
1.27
2.41
0.40
0.51
22.0
00011
3
1.41
2.81
0.39
0.52
22.2
00100
4
1.56
2.98
0.39
0.52
22.4
00101
5
1.71
3.00
0.39
0.52
22.8
00110
6
1.86
2.92
0.39
0.52
23.3
00111
7
2.01
2.81
0.39
0.53
24.1
01000
8
2.15
2.68
0.38
0.53
25.1
01001
9
2.30
2.54
0.38
0.53
26.4
01010
10
2.45
2.42
0.38
0.54
28.0
01011
11
2.60
2.29
0.38
0.54
30.0
01100
12
2.75
2.18
0.37
0.54
32.4
01101
13
2.89
2.08
0.37
0.54
35.2
01110
14
3.04
1.99
0.37
0.55
38.5
01111
15
3.19
1.90
0.37
0.55
42.3
10000
16
3.34
1.83
0.37
0.55
46.6
10001
17
3.49
1.76
0.36
0.55
51.5
10010
18
3.63
1.69
0.36
0.56
57.0
10011
19
3.78
1.63
0.36
0.56
63.2
10100
20
3.93
1.58
0.36
0.56
70.0
10101
21
4.08
1.53
0.35
0.56
77.6
10110
22
4.23
1.48
0.35
0.57
85.9
10111
23
4.37
1.44
0.35
0.57
95.0
11000
24
4.52
1.40
0.35
0.57
104.9
11001
25
4.67
1.36
0.35
0.57
115.8
11010
26
4.82
1.33
0.34
0.58
127.4
11011
27
4.97
1.30
0.34
0.58
140.1
11100
28
5.11
1.27
0.34
0.58
153.7
11101
29
5.26
1.24
0.34
0.58
168.3
11110
30
5.41
1.21
0.33
0.59
184.0
11111
31
5.56
1.19
0.33
0.59
200.7
4.0


Similar Part No. - PE64101

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE64101 PEREGRINE-PE64101 Datasheet
579Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64101MLAA-Z PEREGRINE-PE64101MLAA-Z Datasheet
579Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
More results

Similar Description - PE64101

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64908 PSEMI-PE64908 Datasheet
371Kb / 10P
   UltraCMOS Digitally Tunable Capacitor
logo
Peregrine Semiconductor...
PE64905 PEREGRINE-PE64905 Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64102 PEREGRINE-PE64102 Datasheet
999Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64101 PEREGRINE-PE64101 Datasheet
579Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64904 PEREGRINE-PE64904 Datasheet
602Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64906 PSEMI-PE64906 Datasheet
374Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com