Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCSU034B Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NCSU034B
Description  SPECIFICATIONS FOR UV LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSU034B Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NCSU034B_13 Datasheet HTML 6Page - NICHIA CORPORATION NCSU034B_13 Datasheet HTML 7Page - NICHIA CORPORATION NCSU034B_13 Datasheet HTML 8Page - NICHIA CORPORATION NCSU034B_13 Datasheet HTML 9Page - NICHIA CORPORATION NCSU034B_13 Datasheet HTML 10Page - NICHIA CORPORATION NCSU034B_13 Datasheet HTML 11Page - NICHIA CORPORATION NCSU034B_13 Datasheet HTML 12Page - NICHIA CORPORATION NCSU034B_13 Datasheet HTML 13Page - NICHIA CORPORATION NCSU034B_13 Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NICHIA STS-DA1-2396G <Cat.No.131031>
9
DERATING CHARACTERISTICS
NCSU034B
管理番号 No. STS-DA7-2592A
Derating1
0
200
400
600
800
1000
0
20
406080
100
120
(25, 700)
(85, 300)
Derating2
0
200
400
600
800
1000
0
20406080
100
120
(85, 700)
Duty
100
1000
10000
1
10
100
700
はんだ接合部温度(ダイヒートシンク部)-許容順電流特性
Solder Temperature(Die Heat Sink) vs
Allowable Forward Current
周囲温度-許容順電流特性
Ambient Temperature vs
Allowable Forward Current
はんだ接合部温度(ダイヒートシンク部)
Solder Temperature(Die Heat Sink)(°C)
周囲温度
Ambient Temperature(°C)
デューティー比
Duty Ratio(%)
デューティー比-許容順電流特性
Duty Ratio vs
Allowable Forward Current
35°C/W
θJA
R
=
TA=25°C


Similar Part No. - NCSU034B_13

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NCSU034B-E NICHIA-NCSU034B-E Datasheet
452Kb / 18P
   SPECIFICATIONS FOR UV LED
More results

Similar Description - NCSU034B_13

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSU100C-E NICHIA-NSSU100C-E Datasheet
307Kb / 17P
   SPECIFICATIONS FOR UV LED
NSHU551A-E NICHIA-NSHU551A-E Datasheet
223Kb / 15P
   SPECIFICATIONS FOR UV LED
NCSU034B-E NICHIA-NCSU034B-E Datasheet
452Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU034B NICHIA-NCSU034B Datasheet
292Kb / 17P
   SPECIFICATIONS FOR UV LED
NVSU233B NICHIA-NVSU233B Datasheet
676Kb / 28P
   SPECIFICATIONS FOR UV LED
NSSU123 NICHIA-NSSU123 Datasheet
300Kb / 16P
   SPECIFICATIONS FOR UV LED
NSSU123T NICHIA-NSSU123T Datasheet
283Kb / 17P
   SPECIFICATIONS FOR UV LED
NCSU275 NICHIA-NCSU275 Datasheet
372Kb / 24P
   SPECIFICATIONS FOR UV LED
NC4U134A NICHIA-NC4U134A_13 Datasheet
322Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU033C NICHIA-NCSU033C Datasheet
466Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU033B-E NICHIA-NCSU033B-E Datasheet
452Kb / 18P
   SPECIFICATIONS FOR UV LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com