Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHN12024 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AHN12024
Description  Relay for control panel of 1c 10A, 2c 5A and 1a 16A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AHN12024 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AHN12024 Datasheet HTML 1Page - Panasonic Semiconductor AHN12024 Datasheet HTML 2Page - Panasonic Semiconductor AHN12024 Datasheet HTML 3Page - Panasonic Semiconductor AHN12024 Datasheet HTML 4Page - Panasonic Semiconductor AHN12024 Datasheet HTML 5Page - Panasonic Semiconductor AHN12024 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HN (AHN)
ASCTB5E 201212-T
ORDERING INFORMATION
Relay for control panel of
1c 10A, 2c 5A and 1a 16A
HN RELAYS (AHN)
VDE
RoHS compliant
FEATURES
1. Slim and compact size
20% smaller (width and height) than
existing model* (with the condition of
screw terminal socket for DIN rail)
*Compared with our HC/HJ relay.
2. High-capacity
Max. switching current:
16 A (for 1 Form C type at AC load)
Highly reliable contact (for 2 Form C
type).
3. Environmentally friendly
Cadmium-free contacts and lead-free
solder are used.
4. Slim screw terminal socket and PC
board terminal socket
Utilizes relay-securing hook for easy
relay removal.
One-touch relay removal possible.
Terminal sockets with finger protect
function available.
5. Full lineup
We added a TM type that can be built into
devices.
TYPICAL APPLICATIONS
Control panels
Power supply units
Molding machines
Machine tools
Welding equipment
Agricultural equipment
Office equipment
Vending machines
Communications equipment
Amusement machines, etc.
HN relays
Contact arrangement
1: 1 Form C
2: 2 Form C
3: 1 Form A (TM type only)
AHN
Terminal arrangement
1: AC plug-in type
2: DC plug-in type
5: AC TM type
6: DC TM type
Nominal coil voltage
05:
X0:
X1:
Y0:
Y2:
5 V, 06: 6 V, 12: 12 V, 24: 24 V, 48: 48 V
100/110 V AC, 100 V DC
110/120 V AC, 110 V DC
200/220 V AC
220/240 V AC
Type
N:
Nil:
New 2 Form C type
1 Form C type, 1 Form A type
Type classification
0: Standard
1: With LED indication
2: With diode
3: With diode and LED indication
Note: Certified by UL/C-UL and VDE
(Please consult us for VDE approved TM type.)


Similar Part No. - AHN12024

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHN12024 IRF-AHN12024 Datasheet
136Kb / 6P
   Slim and compact size
More results

Similar Description - AHN12024

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com