Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABS1632403 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ABS1632403
Description  HIGH ENVIRONMENTAL RESISTANCE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ABS1632403 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ABS1632403 Datasheet HTML 1Page - Panasonic Semiconductor ABS1632403 Datasheet HTML 2Page - Panasonic Semiconductor ABS1632403 Datasheet HTML 3Page - Panasonic Semiconductor ABS1632403 Datasheet HTML 4Page - Panasonic Semiconductor ABS1632403 Datasheet HTML 5Page - Panasonic Semiconductor ABS1632403 Datasheet HTML 6Page - Panasonic Semiconductor ABS1632403 Datasheet HTML 7Page - Panasonic Semiconductor ABS1632403 Datasheet HTML 8Page - Panasonic Semiconductor ABS1632403 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ORDERING INFORMATION
HIGH ENVIRONMENTAL
RESISTANCE
TURQUOISESWITCHES
ABSTYPE
VDE
6.4
19.3
11.1
FEATURES
• Subminiature size (19.8
×11.1×6.4 mm)
• Sealed construction for use in adverse environment-Sealed construction by
epoxy resin and rubber cap greatly reduces possible miscontact due to
contaminants such as dust. Conforming to IP67* of IEC protective construction
classification
• Elastomer double molding technology, an industry first and ultrasonic swaging
technology contribute to uniform sealing in high production quantities
• Expansion of low-level circuit type
•We offer a Au clad 2-ply contact type (for small loads) that we developed
specifically for small current and voltage loads in the range of 1 mA to 100 mA
and 5 V to 30 V.
• UL/CSA/VDE/SEMKO approved
(AS for Au-clad twin layer, VDE and SEMKO are not approved.)
* Based on the protective construction classification of IEC, items which satisfy the test
requirements are denoted with an IP designation.
TYPICAL APPLICATIONS
•Automotive
• Home appliances (vacuum cleaner, air purifier)
• Others (gas cooking range)
Type of
switch
ABS:
Turquoise
switch
S type
Wire and
terminal
position
1:
4:
5:
Straight type
Right angle
Left angle
Terminal
1:
4:
5:
6:
.110 quick-connect
terminal
Solder terminal
PC board terminal
Wire leads
Contact
arrangement
1:
2:
3:
SPDT
SPST-NC
SPST-NO
Actuator
0:
1:
2:
3:
4:
6:
8:
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller
lever
Roller lever
Leaf lever
Operating
force by
pin plunger
(max.)
4:
5:
0.98 N
1.47 N
Contact*
0:
1:
4:
AgNi alloy
Au-clad
triple layer
Au-clad
double layer
Agency standard
3:
9:
UL/CSA/VDE/SEMKO
(AgNi alloy contact,
Au-clad triple layer type)
UL/CSA
(Au-clad double layer type)
Ex. ABS
1
1
1
0
4
0
3
Remarks: 1. Standard packing: Dust protected type 100 pcs./carton, 1,000 pcs./case; Immersion protected type 50 pcs./case.
2. SPST-NC and SPST-NO are only available for wire leads type.
3. Leaf lever is only available for wire leads type
4. Wire leads type with agency standard will be discontinued from August 31, 2012.
5. As for wire position:
5. Not every combination is available. Please refer to the following table, “PRODUCT TYPES”.
* Contact
Straight type
Wire opposite to the
actuator side type
(Right angle)
Wire actuator side type
(Left angle)
AgNi alloy
0: AgNi alloy
1: Au-clad triple layer
4: Au-clad double layer
AgNi alloy
Au-clad
CuNi alloy
Au-clad
CuNi alloy
RoHS compliant
AECTB2E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - ABS1632403

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
ABS16 HY-ABS16 Datasheet
378Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
logo
Shanghai Leiditech Elec...
ABS16 LEIDITECH-ABS16 Datasheet
955Kb / 3P
   Glass passivated bridge rectifier
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
   Durable, rugged construction
logo
Shanghai Shunye Electro...
ABS16S SY-ABS16S Datasheet
347Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - ABS1632403

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ABV161040 NAIS-ABV161040 Datasheet
565Kb / 5P
   HIGH ENVIRONMENTAL RESISTANCE
logo
Glenair, Inc.
940-016 GLENAIR-940-016 Datasheet
77Kb / 2P
   High-Pressure Environmental
227-015 GLENAIR-227-015 Datasheet
168Kb / 1P
   High-Pressure Environmental Plug
logo
Delta Electronics, Inc.
CMK08B02TH DELTA-CMK08B02TH Datasheet
54Kb / 1P
   Low cost, Low resistance, Excellent electrical isolation and environmental stability
logo
TXC Corporation.
AH-SERIES TXC-AH-SERIES Datasheet
954Kb / 1P
   High reliable environmental performance.
logo
Glenair, Inc.
220-00 GLENAIR-220-00 Datasheet
119Kb / 2P
   High-Pressure Environmental/Hermetic
220-01 GLENAIR-220-01 Datasheet
110Kb / 2P
   High-Pressure Environmental/Hermetic
220-02 GLENAIR-220-02 Datasheet
136Kb / 2P
   High-Pressure Environmental/Hermetic
227-158 GLENAIR-227-158 Datasheet
95Kb / 2P
   High-Pressure Environmental Cable Plug
220-06 GLENAIR-220-06 Datasheet
174Kb / 2P
   High-Pressure Environmental Cable Plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com