Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCSL119BT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NCSL119BT
Description  SPECIFICATIONS FOR WARM WHITE LED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSL119BT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NCSL119BT Datasheet HTML 1Page - NICHIA CORPORATION NCSL119BT Datasheet HTML 2Page - NICHIA CORPORATION NCSL119BT Datasheet HTML 3Page - NICHIA CORPORATION NCSL119BT Datasheet HTML 4Page - NICHIA CORPORATION NCSL119BT Datasheet HTML 5Page - NICHIA CORPORATION NCSL119BT Datasheet HTML 6Page - NICHIA CORPORATION NCSL119BT Datasheet HTML 7Page - NICHIA CORPORATION NCSL119BT Datasheet HTML 8Page - NICHIA CORPORATION NCSL119BT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
NICHIA STS-DA1-2783C <Cat.No.131115>
2
RANKS
Item
Rank
Min
Max
Unit
M2
3.3
3.5
M1
3.1
3.3
Forward Voltage
L2
2.9
3.1
V
B15
150
160
B14
140
150
B13
130
140
B12
120
130
B11
110
120
Luminous Flux
B10
100
110
lm
R70
Ra
70
-
-
Ra
80
-
-
Color Rendering Index
R8000
R9
0
-
-
Color Ranks
Rank d1
x
0.3575
0.3610
0.3780
0.3988
0.3897
0.3720
y
0.3612
0.3850
0.3970
0.4116
0.3823
0.3714
Rank d2
x
0.3545
0.3575
0.3720
0.3897
0.3822
0.3667
y
0.3408
0.3612
0.3714
0.3823
0.3580
0.3484
Rank sw27
Rank sw30
x
0.4373
0.4562
0.4813
0.4593
x
0.4147
0.4299
0.4562
0.4373
y
0.3893
0.4260
0.4319
0.3944
y
0.3814
0.4165
0.4260
0.3893
Rank sw35
Rank sw40
x
0.3898
0.3996
0.4299
0.4147
x
0.3670
0.3736
0.3996
0.3898
y
0.3716
0.4015
0.4165
0.3814
y
0.3578
0.3874
0.4015
0.3716
Rank sw45
x
0.3515
0.3548
0.3736
0.3670
y
0.3487
0.3736
0.3874
0.3578
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.


Similar Part No. - NCSL119BT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NCSL119B NICHIA-NCSL119B Datasheet
344Kb / 22P
   SPECIFICATIONS FOR WARM WHITE LED
NCSL119B-V1 NICHIA-NCSL119B-V1 Datasheet
347Kb / 21P
   Built-in ESD Protection Device
More results

Similar Description - NCSL119BT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSBLL121A NICHIA-NSBLL121A Datasheet
474Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL510DS NICHIA-NSPL510DS_14 Datasheet
217Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL570DS NICHIA-NSPL570DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NS9L383 NICHIA-NS9L383 Datasheet
369Kb / 21P
   SPECIFICATIONS FOR WARM WHITE LED
NHSL157BT NICHIA-NHSL157BT Datasheet
327Kb / 17P
   SPECIFICATIONS FOR WARM WHITE LED
NFSL757GT-P5 NICHIA-NFSL757GT-P5 Datasheet
607Kb / 23P
   SPECIFICATIONS FOR WARM WHITE LED
NS2L157ART-H3 NICHIA-NS2L157ART-H3 Datasheet
304Kb / 18P
   SPECIFICATIONS FOR WARM WHITE LED
NS6L183BT NICHIA-NS6L183BT Datasheet
368Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NT2L757DT NICHIA-NT2L757DT Datasheet
322Kb / 20P
   SPECIFICATIONS FOR WARM WHITE LED
NSCLL036A NICHIA-NSCLL036A Datasheet
473Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NESL064AT NICHIA-NESL064AT_14 Datasheet
309Kb / 17P
   SPECIFICATIONS FOR WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com