Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABS1630403 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ABS1630403
Description  HIGH ENVIRONMENTAL RESISTANCE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ABS1630403 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ABS1630403 Datasheet HTML 3Page - Panasonic Semiconductor ABS1630403 Datasheet HTML 4Page - Panasonic Semiconductor ABS1630403 Datasheet HTML 5Page - Panasonic Semiconductor ABS1630403 Datasheet HTML 6Page - Panasonic Semiconductor ABS1630403 Datasheet HTML 7Page - Panasonic Semiconductor ABS1630403 Datasheet HTML 8Page - Panasonic Semiconductor ABS1630403 Datasheet HTML 9Page - Panasonic Semiconductor ABS1630403 Datasheet HTML 10Page - Panasonic Semiconductor ABS1630403 Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ABS1,4,5
Right angle type
mm General tolerance:
±0.25
7.62
±0.15
7.62
±0.15
0.5
5.08
±0.2
6.4
7.62
±0.1
3-1.5
±0.05 dia.
7.62
±0.1
Remarks: Dimensions of the actuator types are
the same as those of corresponding
.110 quick-connect terminal types.
CAD Data
Left angle type
5.08
±0.2
0.5
6.4
7.62
±0.15
7.62
±0.15
1.3
7.62
±0.15
7.62
±0.15
(2.8)
1.3
3.2
6.4
6-C0.3
7.62
±0.1
3-1.5
±0.05 dia.
7.62
±0.1
Remarks: Dimensions of the actuator types are
the same as those of corresponding
.110 quick-connect terminal types.
CAD Data
2. Immersion protected type
Wire leads
Pin plunger
Straight type
COM
NO
NC
21.2
9.2
300
±10
5
±2
dia.
-0.05
+0.1
2.4
6.4
Thickness of the lead wire: 0.5 mm2
UL/CSA approved type and Right/Left angle type:
AWG #20
Color of the lead wire:
COM ... Black
N.C. ... Red
N.O. ... White
Remarks: 1. Other dimensions are the same as those of
.110 quick-connect terminal types.
2. Dimensions of the actuator types are the
same as those of corresponding .110 quick-
connect terminal types.
Right angle type
Left angle type
5
±2
300
±10
5
±2
300
±10
CAD Data
AECTB2E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - ABS1630403

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
ABS16 HY-ABS16 Datasheet
378Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
logo
Shanghai Leiditech Elec...
ABS16 LEIDITECH-ABS16 Datasheet
955Kb / 3P
   Glass passivated bridge rectifier
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
   Durable, rugged construction
logo
Shanghai Shunye Electro...
ABS16S SY-ABS16S Datasheet
347Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - ABS1630403

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ABV161040 NAIS-ABV161040 Datasheet
565Kb / 5P
   HIGH ENVIRONMENTAL RESISTANCE
logo
Glenair, Inc.
940-016 GLENAIR-940-016 Datasheet
77Kb / 2P
   High-Pressure Environmental
227-015 GLENAIR-227-015 Datasheet
168Kb / 1P
   High-Pressure Environmental Plug
logo
Delta Electronics, Inc.
CMK08B02TH DELTA-CMK08B02TH Datasheet
54Kb / 1P
   Low cost, Low resistance, Excellent electrical isolation and environmental stability
logo
TXC Corporation.
AH-SERIES TXC-AH-SERIES Datasheet
954Kb / 1P
   High reliable environmental performance.
logo
Glenair, Inc.
220-00 GLENAIR-220-00 Datasheet
119Kb / 2P
   High-Pressure Environmental/Hermetic
220-01 GLENAIR-220-01 Datasheet
110Kb / 2P
   High-Pressure Environmental/Hermetic
220-02 GLENAIR-220-02 Datasheet
136Kb / 2P
   High-Pressure Environmental/Hermetic
227-158 GLENAIR-227-158 Datasheet
95Kb / 2P
   High-Pressure Environmental Cable Plug
220-06 GLENAIR-220-06 Datasheet
174Kb / 2P
   High-Pressure Environmental Cable Plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com