Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42540 Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # PE42540
Description  UltraCMOS SP4T RF Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42540 Datasheet(HTML) 8 Page - Peregrine Semiconductor

Back Button PE42540 Datasheet HTML 4Page - Peregrine Semiconductor PE42540 Datasheet HTML 5Page - Peregrine Semiconductor PE42540 Datasheet HTML 6Page - Peregrine Semiconductor PE42540 Datasheet HTML 7Page - Peregrine Semiconductor PE42540 Datasheet HTML 8Page - Peregrine Semiconductor PE42540 Datasheet HTML 9Page - Peregrine Semiconductor PE42540 Datasheet HTML 10Page - Peregrine Semiconductor PE42540 Datasheet HTML 11Page - Peregrine Semiconductor PE42540 Datasheet HTML 12Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Document No. 70-0299-09
|
UltraCMOS® RFIC Solutions
Page 8 of 12
©2010-2012 Peregrine Semiconductor Corp. All rights reserved.
PE42540
Product Specification
Figure 13. Isolation: RFX-RFC vs. Temp
(VDD = 3.3V, Vss = 0)
Frequency (Hz)
Figure 14. Active Port Return Loss vs. VDD
(Temp = 25°C, Vss = 0)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Figure 15. Active Port Return Loss vs. Temp
(VDD = 3.3V, Vss = 0)
Figure 17. Terminated Port Return Loss vs. Temp
(VDD = 3.3V, Vss = 0)
Figure 16. Terminated Port Return Loss vs. VDD
(Temp = 25°C, Vss = 0)
Figure 18. RFC Port Return Loss vs. VDD
(Temp = 25°C, Vss = 0)


Similar Part No. - PE42540

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
   UltraCMOS SP4T RF Switch
PE42540 PEREGRINE-PE42540 Datasheet
520Kb / 12P
   UltraCMOS
PE42540LGBC-Z PEREGRINE-PE42540LGBC-Z Datasheet
548Kb / 12P
   UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42540LGBD-Z PSEMI-PE42540LGBD-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SP4T RF Switch 10 Hz?? GHz
logo
List of Unclassifed Man...
PE42540SCH ETC1-PE42540SCH Datasheet
124Kb / 2P
   PEREGRINE SEMICONDUCTOR
More results

Similar Description - PE42540

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
   UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
   SP4T UltraCMOS RF Switch DC - 3.0 GHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42545 PSEMI-PE42545 Datasheet
315Kb / 16P
   UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
PE42546 PSEMI-PE42546 Datasheet
352Kb / 17P
   UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com