Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK93C75B Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK93C75B
Description  1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C75B Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK93C75B Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C75B Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C75B Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C75B Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C75B Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C75B Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C75B Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C75B Datasheet HTML 9Page - Asahi Kasei Microsystems AK93C75B Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ASAHI KASEI
[AK93C45B/55B/65B/75B]
DAM04E-01
1999/10
- 6 -
Read
The read instruction is the only instruction which outputs serial data on the DO pin.
Following the Start bit, first Op code and address are decoded, then the data from the selected memory
location is available at the DO pin. A dummy bit (logical "0") precedes the 16-bit data from the selected
memory location. The output data changes are synchronized with the rising edges of the serial clock (SK).
The data in the next address can be read sequentially by continuing to provide clock. The address
automatically cycles to the next higher address after the 16bit data shifted out.
When the highest address is reached, the address counter rolls over to address $00 or $000 allowing the read
cycle to be continued indefinitely.
READ (AK93C45B)
*Address bit A7 becomes a "don't care" for AK93C55B.
READ (AK93C55B/65B)
READ (AK93C75B)


Similar Part No. - AK93C75B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C75B AKM-AK93C75B Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C75BH AKM-AK93C75BH Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK93C75B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com