Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MZ Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-MZ
Description  DIFFERENTIAL HALL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MZ Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-MZ Datasheet HTML 1Page - IC-Haus GmbH IC-MZ Datasheet HTML 2Page - IC-Haus GmbH IC-MZ Datasheet HTML 3Page - IC-Haus GmbH IC-MZ Datasheet HTML 4Page - IC-Haus GmbH IC-MZ Datasheet HTML 5Page - IC-Haus GmbH IC-MZ Datasheet HTML 6Page - IC-Haus GmbH IC-MZ Datasheet HTML 7Page - IC-Haus GmbH IC-MZ Datasheet HTML 8Page - IC-Haus GmbH IC-MZ Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
iC-MZ
DIFFERENTIAL HALL SWITCH
Rev B1, Page 2/12
DESCRIPTION
Hall-effect device iC-MZ is a differential magnetic
sensor used to scan pole wheels or ferromagnetic
gear wheels. It contains two Hall sensors set 2.0 mm
apart, a differential amplifier with a back-end com-
parator and a complementary line driver. A difference
in field strength of the magnetic normal components
at iC-MZ’s two Hall elements is amplified and eval-
uated as an analog signal and fed to the integrated
line drivers as a complementary digital signal. The
digital output signal tracks the change in sign of the
field strength difference with a given hysteresis and
thus provides a clear switch.
With a moving gear or pole wheel the frequency of
the tooth or pole pair corresponds to the frequency
of the output signal. The amplified analog differential
sensor signal is available for diagnostic purposes at
pins A and NA.
Once the device has been switched on the digital out-
puts are initially in a predefined start state with D at
low and ND at high; the analog outputs A and NA
switched to high impedance. Following a delay of
about 200 µs the analog outputs are activated and
the status of the two Hall sensors ist transmitted by
the line drivers if the difference in field strength is suf-
ficiently strong.
The complementary line drivers are suitable for sup-
ply voltages of 4.5 to 36 V with output impedances
between 40 and 110 Ω. An integrated over temper-
ature and undervoltage monitor switches the output
stages to high impedance in the event of error and
activates the open drain output NERR.
By activating the TEST input the device can be used
as an independent two-channel line driver. In this
case, the outputs D and ND are controlled by the in-
puts A and NA.
The analog section of the iC-MZ circuit is fed by an
internal supply of 5 V which is available at pin VPA
for reference purpose. To improve signal quality, a
capacitor can be connected to this pin.
PACKAGING INFORMATION
PIN CONFIGURATION DFN10
iC-MZ
...
...yyww
6
9
7
8
10
5
2
4
3
1
EP
PIN FUNCTIONS
No. Name Function
1 GND1 Ground
2 D
Digital Output, not inverted
3 VB
Supply Voltage
4 ND
Digital Output, inverted
5 GND2 Ground
6 TEST Linedriver Test Mode
7 NERR Error Output, open drain
8 VPA
Internal 5 V Supply Voltage
9 NA
Analog Output, invertiert
10 A
Analog Output, non invertierend
EP
Exposed Pad
GND1 and GND2 have to be tied together to a common ground. Connect the Exposed Pad EP to this common
ground. Use a large ground plane to improve thermal performance. EP is not intended as an electrical connection
point. Orientation of the logo (
MZ CODE ...) is subject to alteration.


Similar Part No. - IC-MZ

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MZ ICHAUS-IC-MZ Datasheet
323Kb / 11P
   DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ Datasheet
323Kb / 11P
   DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ Datasheet
319Kb / 12P
   DIFFERENTIAL HALL SWITCH
IC-MZDFN10 ICHAUS-IC-MZDFN10 Datasheet
323Kb / 11P
   DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ_11 Datasheet
323Kb / 11P
   DIFFERENTIAL HALL SWITCH
More results

Similar Description - IC-MZ

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MZ ICHAUS-IC-MZ Datasheet
323Kb / 11P
   DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ_15 Datasheet
319Kb / 12P
   DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ_11 Datasheet
323Kb / 11P
   DIFFERENTIAL HALL SWITCH
logo
Infineon Technologies A...
TLE4925 INFINEON-TLE4925 Datasheet
1Mb / 25P
   Differential Hall Sensor
logo
MagnaChip Semiconductor...
MXM1170 MGCHIP-MXM1170 Datasheet
76Kb / 1P
   Hall switch
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4927C INFINEON-TLE4927C Datasheet
163Kb / 5P
   Dynamic Differential Hall Effect Sensor
Version 1.1
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
   Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4924C-2E6547 INFINEON-TLE4924C-2E6547 Datasheet
150Kb / 7P
   Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
logo
Micronas
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
   Differential Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com