Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MU Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-MU
Description  OFF-AXIS NONIUS ENCODER WITH INTEGRATED HALL SENSORS
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MU Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-MU Datasheet HTML 5Page - IC-Haus GmbH IC-MU Datasheet HTML 6Page - IC-Haus GmbH IC-MU Datasheet HTML 7Page - IC-Haus GmbH IC-MU Datasheet HTML 8Page - IC-Haus GmbH IC-MU Datasheet HTML 9Page - IC-Haus GmbH IC-MU Datasheet HTML 10Page - IC-Haus GmbH IC-MU Datasheet HTML 11Page - IC-Haus GmbH IC-MU Datasheet HTML 12Page - IC-Haus GmbH IC-MU Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
prel
imin
ary
prel
imin
ary
iC-MU OFF-AXIS NONIUS ENCODER
WITH INTEGRATED HALL SENSORS
Rev B1, Page 9/59
OPERATING CONDITIONS: Multiturn Interface
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
Multiturn Interface (Figure 1)
I001
tMTC
Clock Period
6.4
us
I002
tsMD
Setup Time:
Data valid before MTC hi→lo
50
ns
I003
thMD
Hold Time:
Data stable after MTC hi→lo
50
ns
I004
ttos
Timeout
20
us
I005
tcycle
Cycle Time
CHK_MT=1
1
5
ms
MTC
MTD
MSB
MSB-1
MSB-2
LSB+1
LSB
t
MTC
tsMD
thMD
t
tos
t
cycle
Figure 1: Timing muliturn interface, MODE_MT/=0


Similar Part No. - IC-MU

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MU ICHAUS-IC-MU Datasheet
402Kb / 2P
   Magnetic off-axis absolute position encoder
IC-MU ICHAUS-IC-MU Datasheet
2Mb / 66P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.28MM
IC-MU150 ICHAUS-IC-MU150 Datasheet
2Mb / 64P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.50MM
IC-MU200 ICHAUS-IC-MU200 Datasheet
2Mb / 65P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 2.00MM
IC-MU ICHAUS-IC-MU_17 Datasheet
2Mb / 66P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.28MM
More results

Similar Description - IC-MU

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PVL ICHAUS-IC-PVL Datasheet
1Mb / 33P
   LINEAR/OFF-AXIS BATTERY-BUFFERED HALL MULTITURN ENCODER
IC-PNH3348 ICHAUS-IC-PNH3348 Datasheet
481Kb / 10P
   PHASED ARRAY NONIUS ENCODER
IC-MU ICHAUS-IC-MU Datasheet
402Kb / 2P
   Magnetic off-axis absolute position encoder
logo
List of Unclassifed Man...
2SA-10 ETC2-2SA-10 Datasheet
436Kb / 8P
   Integrated 2-Axis Hall Sensor
logo
ams AG
AS5305 AMSCO-AS5305 Datasheet
442Kb / 2P
   Integrated Hall IC for Linear and Off-Axis Rotary Motion Detection
AS5304 AMSCO-AS5304_V02 Datasheet
507Kb / 31P
   Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
2017-May-03
logo
List of Unclassifed Man...
AS5304A-ATSU ETC1-AS5304A-ATSU Datasheet
466Kb / 13P
   Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
ams AG
AS5304 AMSCO-AS5304 Datasheet
479Kb / 13P
   Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
IC-Haus GmbH
IC-PN3312 ICHAUS-IC-PN3312 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-512
IC-PN2656 ICHAUS-IC-PN2656 Datasheet
398Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com