Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1845L Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UC1845L
Description  CURRENT MODE PWM CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1845L Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC1845L Datasheet HTML 3Page - Texas Instruments UC1845L Datasheet HTML 4Page - Texas Instruments UC1845L Datasheet HTML 5Page - Texas Instruments UC1845L Datasheet HTML 6Page - Texas Instruments UC1845L Datasheet HTML 7Page - Texas Instruments UC1845L Datasheet HTML 8Page - Texas Instruments UC1845L Datasheet HTML 9Page - Texas Instruments UC1845L Datasheet HTML 10Page - Texas Instruments UC1845L Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
OPEN-LOOP LABORATORY FIXTURE
4.7 kW
1 kW
ERROR AMP
ADJUST
4.7 kW
5 kW
ISENSE
ADJUST
2N2222
100 kW
R1
1
2
3
4
8
7
6
5
COMP
UC1842
VFB
ISENSE
RT / CT
CT
0.1 mF
0.1 mF
A
1 kW 1 W
VREF
VCC
OUTPUT
GROUND
VREF
VCC
OUTPUT
GROUND
SHUTDOWN TECHNIQUES
8
3
1 kW
330 W
SHUTDOWN
500 W
To Current
SENSE RESISTOR
VREF
ISENSE
1
SHUTDOWN
COMP
UC1842/3/4/5
UC2842/3/4/5
UC3842/3/4/5
SLUS223C – APRIL 1997 – REVISED JUNE 2007
High peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and bypas
capacitors should be conected close to pin 5 in a single point ground. The transistor and 5k potentiometer are
used to sample the oscillator waveform and apply an adjustable ramp to pin 3.
Shutdown of the UC1842 can be accomplished by two methods; either raise pin 3 above 1 V or pull pin 1 below
a voltage two diode drops above ground. Either method causses the output of the PWM comparator to be high
(refer to block diagram). The PWM latch is reset dominant so that the output will remain low until the next clock
cycle after the shutdown condition at pin 1 and/or 3 is removed. In one example, an externally latched shutdown
may be accomplished by adding an SCR which will be reset by cycling VCC below the lower UVLO threshold. At
this pint the reference turns off, allowing the SCR to reset.
7
Submit Documentation Feedback


Similar Part No. - UC1845L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1845L TI-UC1845L Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC1845L TI1-UC1845L Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845L TI-UC1845L Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845L TI-UC1845L Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845L TI-UC1845L Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC1845L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com