Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR2C15A-3S240 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OR2C15A-3S240
Description  Field-Programmable Gate Arrays
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C15A-3S240 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OR2C15A-3S240 Datasheet HTML 4Page - List of Unclassifed Manufacturers OR2C15A-3S240 Datasheet HTML 5Page - List of Unclassifed Manufacturers OR2C15A-3S240 Datasheet HTML 6Page - List of Unclassifed Manufacturers OR2C15A-3S240 Datasheet HTML 7Page - List of Unclassifed Manufacturers OR2C15A-3S240 Datasheet HTML 8Page - List of Unclassifed Manufacturers OR2C15A-3S240 Datasheet HTML 9Page - List of Unclassifed Manufacturers OR2C15A-3S240 Datasheet HTML 10Page - List of Unclassifed Manufacturers OR2C15A-3S240 Datasheet HTML 11Page - List of Unclassifed Manufacturers OR2C15A-3S240 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 192 page
background image
8
Lucent Technologies Inc.
Data Sheet
ORCA Series 2 FPGAs
June 1999
Programmable Logic Cells (continued)
The LUT ripple mode operation offers standard arith-
metic functions, such as 4-bit adders, subtractors,
adder/subtractors, and counters. In the
ORCA
Series 2, there are two new ripple modes available.
The first new mode is a 4 x 1 multiplier, and the second
is a 4-bit comparator. These new modes offer the
advantages of faster speeds as well as denser logic
capabilities.
When the LUT is configured to operate in the memory
mode, a 16 x 2 asynchronous memory fits into an
HLUT. Both the MA and MB modes were available in
previous
ORCA architectures, and each mode can be
configured in an HLUT separately. In the Series 2,
there are two new memory modes available. The first is
a 16 x 4 synchronous single-port memory (SSPM), and
the second is a 16 x 2 synchronous dual-port memory
(SDPM). These new modes offer easier implementa-
tion, faster speeds, denser RAMs, and a dual-port
capability that wasn’t previously offered as an option in
the ATT2Cxx/ATT2Txx families.
If the LUT is configured to operate in the ripple mode, it
cannot be used for basic combinatorial logic or memory
functions. In modes other than the ripple, SSPM, and
SDPM modes, combinations of operating modes are
possible. For example, the LUT can be configured as a
16 x 2 RAM in one HLUT and a five-input combinatorial
logic function in the second HLUT. This can be done by
configuring HLUTA in the MA mode and HLUTB in the
F5B mode (or vice versa).
F4A/F4B Mode—Two Four-Input Functions
Each HLUT can be used to implement two four-input
combinatorial functions, but the total number of inputs
into each HLUT cannot exceed five. The two QLUTs
within each HLUT share three inputs. In HLUTA, the
A1, A2, and A3 inputs are shared by QLUT2 and
QLUT3. Similarly, in HLUTB, the B1, B2, and B3 inputs
are shared by QLUT0 and QLUT1. The four outputs
are F0, F1, F2, and F3. The results can be routed to
the D0, D1, D2, and D3 latch/FF inputs or as an output
of the PFU. The use of the LUT for four functions of up
to four inputs each is given in Figure 4.
F5A/F5B Mode—One Five-Input Variable Function
Each HLUT can be used to implement any five-input
combinatorial function. The input ports are A[4:0] and
B[4:0], and the output ports are F0 and F3. One five or
less input function is input into A[4:0], and the second
five or less input function is input into B[4:0]. The
results are routed to the latch/FF D0 and latch/FF D3
inputs, or as a PFU output. The use of the LUT for two
independent functions of up to five inputs is shown in
Figure 5. In this case, the LUT is configured in the F5A
and F5B modes. As a variation, the LUT can do one
function of up to five input variables and two four-input
functions using F5A and F4B modes or F4A and F5B
modes.
5-2753(F).r2
Figure 4. F4 Mode—Four Functions of Four-
Input Variables
5-2845(F).r2
Figure 5. F5 Mode—Two Functions of Five-Input
Variables
QLUT2
A3
A3
A2
A1
A0
A2
A1
A0
F2
QLUT3
A4
A4
A3
A2
A1
A3
A2
A1
F3
HLUTA
QLUT0
B3
B3
B2
B1
B0
B2
B1
B0
F0
QLUT1
B4
B4
B3
B2
B1
B3
B2
B1
F1
HLUTB
QLUT3
QLUT2
F3
QLUT1
QLUT0
B4
B3
B2
B1
B0
F0
WEA
A3
A2
A1
A0
B4
B3
B2
B1
B0
A4
A3
A2
A1
A0
HLUTA
HLUTB
c0
WPE
WD3
WD2
WD3
WD2
F2


Similar Part No. - OR2C15A-3S240

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
OR2C15A LATTICE-OR2C15A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
More results

Similar Description - OR2C15A-3S240

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com