Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HG Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-HG
Description  3 A LASER SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HG Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-HG Datasheet HTML 5Page - IC-Haus GmbH IC-HG Datasheet HTML 6Page - IC-Haus GmbH IC-HG Datasheet HTML 7Page - IC-Haus GmbH IC-HG Datasheet HTML 8Page - IC-Haus GmbH IC-HG Datasheet HTML 9Page - IC-Haus GmbH IC-HG Datasheet HTML 10Page - IC-Haus GmbH IC-HG Datasheet HTML 11Page - IC-Haus GmbH IC-HG Datasheet HTML 12Page - IC-Haus GmbH IC-HG Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
iC-HG
3 A LASER SWITCH
Rev B1, Page 9/20
ANALOG CURRENT CONTROL VOLTAGE INPUTS CI1...6
The voltage at pins CI1...6 sets the current in pins
LDK1...6. Figures 3 and 4 show the temperature de-
pendency of the current in a single LDKx output versus
the voltage at CIx for a typical device. Figures 5 and
6 show the min., typ. and max. variations between de-
vices at 27 °C temperature. The voltage at pins LDKx
is 2.5 V.
Figure 3: I(LDKx) vs. V(CIx) at VDD = 5 V
Figure 4: I(LDKx) vs. V(CIx) at VDD = 3.3 V
Figure 5: I(LDKx) vs. V(CIx) at VDD = 5 V
Figure 6: I(LDKx) vs. V(CIx) at VDD = 3.3 V


Similar Part No. - IC-HG

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
778Kb / 21P
   3 A LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
901Kb / 20P
   3A LASER SWITCH
IC-HGEVALHG1D ICHAUS-IC-HGEVALHG1D Datasheet
844Kb / 19P
   3A LASER SWITCH
IC-HGP ICHAUS-IC-HGP Datasheet
861Kb / 20P
   3A HIGH-SIDE LASER SWITCH
More results

Similar Description - IC-HG

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG_11 Datasheet
778Kb / 21P
   3 A LASER SWITCH
logo
Roithner LaserTechnik G...
HGQFN28 ROITHNER-HGQFN28 Datasheet
901Kb / 20P
   3 A LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
   155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
   155MHz LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
IC-HG ICHAUS-IC-HG_14 Datasheet
901Kb / 20P
   3A LASER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com