Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HG Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-HG
Description  3 A LASER SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HG Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-HG Datasheet HTML 1Page - IC-Haus GmbH IC-HG Datasheet HTML 2Page - IC-Haus GmbH IC-HG Datasheet HTML 3Page - IC-Haus GmbH IC-HG Datasheet HTML 4Page - IC-Haus GmbH IC-HG Datasheet HTML 5Page - IC-Haus GmbH IC-HG Datasheet HTML 6Page - IC-Haus GmbH IC-HG Datasheet HTML 7Page - IC-Haus GmbH IC-HG Datasheet HTML 8Page - IC-Haus GmbH IC-HG Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
iC-HG
3 A LASER SWITCH
Rev B1, Page 5/20
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VDD
Voltage at VDD
-0.3
6
V
G002 I(VDD)
Current in VDD
-10
750
mA
G003 V(CI)
Voltage at CI1. . . 6
-0.3
6
V
G004 V()
Voltage at EN1. . . 6, AGND1. . . 6,
ELVDS, NER
-0.3
6
V
G005 V(LDK)
Voltage at LDK1. . . 6
-0.3
12
V
G006 I(LDK)
Current in LDK1. . . 6
DC current
-10
600
mA
G007 I(AGND)
Current in AGND1. . . 6
DC current
-600
10
mA
G008 I()
Current in CI1. . . 6, EN1. . . 6, ELVDS
-10
10
mA
G009 I(NER)
Current in NER
-10
20
mA
G010 Vd()
ESD Susceptibility at all pins
HBM 100 pF discharged through 1.5 kΩ
2
kV
G011 Tj
Operating Junction Temperature
-40
125
°C
G012 Ts
Storage Temperature Range
-40
150
°C
THERMAL DATA
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
(extended range on request)
-25
85
°C
T02
Rthja
Thermal Resistance Chip/Ambient
Mounted onto the Evaluation Board HG1D
25
K/W
T03
RthjTP
Thermal Resistance Chip/Thermal Pad
4
K/W
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


Similar Part No. - IC-HG

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
778Kb / 21P
   3 A LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
901Kb / 20P
   3A LASER SWITCH
IC-HGEVALHG1D ICHAUS-IC-HGEVALHG1D Datasheet
844Kb / 19P
   3A LASER SWITCH
IC-HGP ICHAUS-IC-HGP Datasheet
861Kb / 20P
   3A HIGH-SIDE LASER SWITCH
More results

Similar Description - IC-HG

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG_11 Datasheet
778Kb / 21P
   3 A LASER SWITCH
logo
Roithner LaserTechnik G...
HGQFN28 ROITHNER-HGQFN28 Datasheet
901Kb / 20P
   3 A LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
   155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
   155MHz LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
IC-HG ICHAUS-IC-HG_14 Datasheet
901Kb / 20P
   3A LASER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com