Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK93C95AF Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK93C95AF
Description  16K / 32K / 64KBIT SERIAL CMOS EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C95AF Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK93C95AF Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 9Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ASAHI KASEI
[AK93C85A/95A/10A]
DAM02E-01
1999/10
- 6 -
Read
The read instruction is the only instruction which outputs serial data on the DO pin.
Following the Start bit, first Op code and address are decoded, then the data from the selected memory
location is available at the DO pin. A dummy bit (logical "0") precedes the 16-bit data from the selected
memory location. The output data changes are synchronized with the rising edges of the serial clock (SK).
The data in the next address can be read sequentially by continuing to provide clock. The address
automatically cycles to the next higher address after the 16bit data shifted out.
AK93C85A   When the highest address is reached ($3FF), the address counter rolls over to
address $000 allowing the read cycle to be continued indefinitely.
AK93C95A   When the highest address is reached ($7FF), the address counter rolls over to
address $000 allowing the read cycle to be continued indefinitely.
AK93C10A   When the highest address is reached ($FFF), the address counter rolls over to
address $000 allowing the read cycle to be continued indefinitely.


Similar Part No. - AK93C95AF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C95AF AKM-AK93C95AF Datasheet
118Kb / 13P
   16K / 32K / 64Kbit Serial CMOS EEPROM
More results

Similar Description - AK93C95AF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A_04 Datasheet
118Kb / 13P
   16K / 32K / 64Kbit Serial CMOS EEPROM
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
   64Kbit Serial SPI EEPROM
logo
Holtek Semiconductor In...
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16_14 Datasheet
2Mb / 12P
   CMOS 16K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com