Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HC Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-HC
Description  ULTRA FAST DUAL HV-KOMPARATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HC Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-HC Datasheet HTML 1Page - IC-Haus GmbH IC-HC Datasheet HTML 2Page - IC-Haus GmbH IC-HC Datasheet HTML 3Page - IC-Haus GmbH IC-HC Datasheet HTML 4Page - IC-Haus GmbH IC-HC Datasheet HTML 5Page - IC-Haus GmbH IC-HC Datasheet HTML 6Page - IC-Haus GmbH IC-HC Datasheet HTML 7Page - IC-Haus GmbH IC-HC Datasheet HTML 8Page - IC-Haus GmbH IC-HC Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
prel
imin
ary
prel
imin
ary
iC-HC
ULTRA FAST DUAL HV-KOMPARATOR
Rev A1, Page 5/10
ELECTRICAL CHARACTERISTICS
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
312
tHoldint2
internal hold time
P1 = P0 = lo, T1 = T0 = hi
60
100
160
µs
313
tHold
external hold time
P1 = P0 = hi, T0 (T1): ext. RC network with R
referenced to VDD and C referenced to GND or
VDD
0.7 *
RC
RC
1.2 *
RC
ms
Dynamic Parameters
401
tp
Propagation Delay Ix → Ox
|∆Vi()| > 200 mV + Vhys in 0.5 ns, NFAST = lo;
VDD = 5 V
9
20
ns
VDD = 3 V
11
20
ns
NFAST = hi
20
50
ns
402
tp
Propagation Delay Difference
tp(Ox lo → hi) − tp(Ox hi → lo),
symmetrical input signal;
NFAST = lo
-25
25
%
NFAST = hi
-70
70
%
403
trf()
Rise and Fall Time at O0, O1
Cl = 10 pF, Rl = 10 kΩ, VDD = 5 V,
10 % ↔ 90 %
1
2
ns
404
tpmin
Minimum Pulse Duration
NFAST = lo, VDD = 5 V
9
20
ns
NFAST = lo, VDD = 3 V
11
25
ns
NFAST = hi, VDD = 3 V
20
50
ns
Hold-Timer T0, T1
501
Rext
ext. resistor
P0 = P1 = hi, hold time = R * C,
Rext referenced to VDD
2
kΩ
502
Cext
ext. capacitor
P0 = P1 = hi, holdtime = R * C,
Cext referenced to GND or VDD
0
pF


Similar Part No. - IC-HC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HB ICHAUS-IC-HB Datasheet
586Kb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB_13 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD2 ICHAUS-IC-HD2 Datasheet
247Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - IC-HC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULY7711N ETC1-ULY7711N Datasheet
237Kb / 3P
   KOMPARATOR
logo
Cadeka Microcircuits LL...
CLC2500 CADEKA-CLC2500 Datasheet
427Kb / 2P
   Dual, Ultra-fast Voltage Comparator
logo
Renesas Technology Corp
RJU36B1WDPK-M0 RENESAS-RJU36B1WDPK-M0 Datasheet
62Kb / 4P
   Dual Diode Ultra Fast Recovery Diode
RJU36B2WDPK-M0 RENESAS-RJU36B2WDPK-M0 Datasheet
61Kb / 4P
   Dual Diode Ultra Fast Recovery Diode
logo
Frontier Electronics.
UFF80-005CT FRONTIER-UFF80-005CT Datasheet
132Kb / 2P
   8A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF80-005CT-LFR FRONTIER-UFF80-005CT-LFR Datasheet
133Kb / 2P
   8A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF100-005CT-LFR FRONTIER-UFF100-005CT-LFR Datasheet
132Kb / 2P
   10A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF160-005DT FRONTIER-UFF160-005DT Datasheet
131Kb / 2P
   16A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF200-005CT FRONTIER-UFF200-005CT Datasheet
131Kb / 2P
   20A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF200-005CT-LFR FRONTIER-UFF200-005CT-LFR Datasheet
131Kb / 2P
   20A DUAL ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com