Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A63157DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A63157DBVR
Description  12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A63157DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS5A63157DBVR Datasheet HTML 2Page - Texas Instruments TS5A63157DBVR Datasheet HTML 3Page - Texas Instruments TS5A63157DBVR Datasheet HTML 4Page - Texas Instruments TS5A63157DBVR Datasheet HTML 5Page - Texas Instruments TS5A63157DBVR Datasheet HTML 6Page - Texas Instruments TS5A63157DBVR Datasheet HTML 7Page - Texas Instruments TS5A63157DBVR Datasheet HTML 8Page - Texas Instruments TS5A63157DBVR Datasheet HTML 9Page - Texas Instruments TS5A63157DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ELECTRICAL CHARACTERISTICS FOR 3.3-V SUPPLY
TS5A63157
SCDS203A – DECEMBER 2005 – REVISED JULY 2009................................................................................................................................................... www.ti.com
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
Voltage
VIKU
0
≥ (INC, INO, or ICOM) ≥ –50 mA
3.6 V
V
undershoot
25°C
6.4
14
Peak ON-state
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
rpeak
3 V
resistance
ICOM = –24 mA,
See Figure 13
Full
18
25°C
4.8
8
VNO or VNC = 0,
ICOM = 24 mA
Full
10
ON-state
Switch ON,
ron
3 V
resistance
See Figure 13
25°C
6.3
12
VNO or VNC = 3 V,
ICOM = –24 mA
Full
15
ON-state
25°C
0.1
0.2
resistance
VNO or VNC = 2.1 V,
Switch ON,
match
Δron
3 V
ICOM = –24 mA,
See Figure 13
Full
0.2
between
channels
ON-state
25°C
2.8
4
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
resistance
ron(flat)
3 V
ICOM = –24 mA,
See Figure 13
Full
7
flatness
25°C
0
0.03
INC(OFF),
VNC or VNO = 0 to V+,
Switch OFF,
3.6 V
NC, NO
INO(OFF)
VCOM = V+ to 0
See Figure 14
Full
0.05
OFF leakage
µA
25°C
0.15
0.50
INC(PWROFF),
VNC or VNO = 0 to 3.6 V,
Switch OFF,
current
0
INOPWROFF)
VCOM = 3.6 V to 0,
See Figure 14
Full
2
COM
25°C
0.2
0.5
VCOM = 0 to 3.6 V,
Switch ON,
OFF leakage
ICOM(PWROFF)
0
µA
VNC or VNO = 3.6 V to 0,
See Figure 14
Full
5
current
NC, NO
25°C
0.001
0.01
INC(ON),
VNC or VNO = 0 to V+,
Switch ON,
ON leakage
3.6 V
µA
INO(ON)
VCOM = Open,
See Figure 15
Full
0.02
current
COM
25°C
0.003
0.03
VNC or VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
3.6 V
µA
VCOM = 0 to V+,
See Figure 15
Full
0.05
current
Digital Control Input (IN)
Input logic
V+
5.5
VIH
Full
V
high
× 0.7
0
V+
Input logic low
VIL
Full
V
× 0.3
25°C
0.005
0.01
Input leakage
IIH, IIL
VI = 5.5 V or 0
3.6 V
µA
current
Full
0.02
6
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): TS5A63157


Similar Part No. - TS5A63157DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A63157DBVR TI-TS5A63157DBVR Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
TS5A63157DBVRE4 TI-TS5A63157DBVRE4 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
More results

Similar Description - TS5A63157DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com