Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK9813AF Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK9813AF
Description  12ch 8bit D/A Converter with EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9813AF Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK9813AF Datasheet HTML 3Page - Asahi Kasei Microsystems AK9813AF Datasheet HTML 4Page - Asahi Kasei Microsystems AK9813AF Datasheet HTML 5Page - Asahi Kasei Microsystems AK9813AF Datasheet HTML 6Page - Asahi Kasei Microsystems AK9813AF Datasheet HTML 7Page - Asahi Kasei Microsystems AK9813AF Datasheet HTML 8Page - Asahi Kasei Microsystems AK9813AF Datasheet HTML 9Page - Asahi Kasei Microsystems AK9813AF Datasheet HTML 10Page - Asahi Kasei Microsystems AK9813AF Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ASAHI KASEI
[AK9813A]
DAD03E-00
1999/05
- 7 -
Instruction Set
The AK9813A can be controlled for the following mode. The following mode is common to the LD I/F and the
CS IF. When LD I/F is selected, "A1" and "A0" are set by the external pins (EA0 pin and EA1 pin).
1
{ DAC mode(External DI pin -> D/A converter)
[
Õ:Don't Care]
A1
A0
CL WR D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Function
ÕÕ
0
0
D/A Channel
Digital data for D/A
D/A output
2
{ CALL mode(Internal EEPROM -> D/A converter)
[
Õ:Don't Care]
A1
A0
CL WR D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Function
ADDRESS
1
0
D/A Channel
ÕÕÕÕÕÕÕÕ READ
The output of D/A converter is set by the data in the internal EEPROM.
3
{ ALL CALL mode(Internal EEPROM -> D/A converter)
[
Õ:Don't Care]
A1
A0
CL WR D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Function
ADDRESS
100000
ÕÕÕÕÕÕÕÕ ALL CHANNEL READ
• The outputs of all D/A converters are set by the data in the internal EEPROM.
• • • Internal ECL function
4
{ WRITE ENABLE mode(Internal EEPROM WRITE ENABLE)
[
Õ:Don't Care]
A1
A0
CL WR D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Function
ÕÕ
110000
ÕÕÕÕÕÕÕÕ WRITE ENABLE
• After WRITE ENABLE mode is executed, the programming to the internal EEPROM is enabled. Upon
power-up and after the execution of the ECL function, the AK9813A is in the programming disable state.
5
{ WRITE DISABLE mode(Internal EEPROM WRITE DISABLE)
[
Õ:Don't Care]
A1
A0
CL WR D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Function
ÕÕ
111111
ÕÕÕÕÕÕÕÕ WRITE DISABLE
• After WRITE DISABLE mode is executed, the programming to the internal EEPROM is disabled.
6
{ WRITE mode(External DI pin -> Internal EEPROM)
[
Õ:Don't Care]
A1
A0
CL WR D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Function
ADDRESS
0
1
D/A Channel
Digital data for D/A
WRITE
• The digital data for D/A (D0aD7) is written into the specified address in the internal EEPROM. The state
of the internal EEPROM must be the programming enable state.
7
{ READ mode(Internal EEPROM -> External DO pin)
[
Õ:Don't Care]
A1
A0
CL WR D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Function
ADDRESS
1
1
D/A Channel
ÕÕÕÕÕÕÕÕ EEPROM DATA output
• The DO pin outputs the data in the internal EEPROM synchronously with the falling edge of of the input
pulse of the CLK pin.


Similar Part No. - AK9813AF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK9813BF AKM-AK9813BF Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
logo
List of Unclassifed Man...
AK9813BF ETC1-AK9813BF Datasheet
41Kb / 2P
   24pin VSOP
More results

Similar Description - AK9813AF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
logo
Rohm
BH2221FV ROHM-BH2221FV Datasheet
80Kb / 6P
   8bit 12ch D/A converter
logo
Mitsubishi Electric Sem...
M62352AGP MITSUBISHI-M62352AGP Datasheet
760Kb / 6P
   8BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Asahi Kasei Microsystem...
AK9844 AKM-AK9844 Datasheet
156Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
AK9844A AKM-AK9844A Datasheet
132Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
logo
Rohm
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
logo
Asahi Kasei Microsystem...
AK9822 AKM-AK9822 Datasheet
171Kb / 17P
   2K / 4Kbit EEPROM with 2ch 8bit D/A Converter
logo
Mitsubishi Electric Sem...
M62398P MITSUBISHI-M62398P Datasheet
80Kb / 7P
   8BIT 12CH I2C BUS D.A CONVERTER WITH BUFFER AMPLIFIERS
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com