Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76201DBVTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS76201DBVTG4
Description  LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76201DBVTG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS76201DBVTG4 Datasheet HTML 1Page - Texas Instruments TPS76201DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS76201DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS76201DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS76201DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS76201DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS76201DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS76201DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS76201DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TPS76201
LOW OUTPUT ADJUSTABLE
ULTRALOW POWER 100mA LDO LINEAR REGULATOR
SLVS323B − FEBRUARY 2001 − REVISED JANUARY 2007
5
TYPICAL CHARACTERISTICS
Figure 1
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
2.520
0
20
40
60
80
100
VI = 3.5 V
VO = 2.5 V
Co = 4.7 µF
TJ = 25° C
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA
Figure 2
0.685
0.690
0.695
0.700
0.705
0.710
0.715
0.720
0
2040
6080
100
VI = 2.7 V
VO = 0.7 V
Co = 4.7 µF
TJ = 25° C
IO − Output Current − mA
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
Figure 3
0.6645
0.6650
0.6655
0.6660
0.6665
0.6670
0.6675
0.6680
−40 −25 −10 5
20 35 50 65 80 95 110 125
VI = 2.7 V
VO = Vref
Co = 4.7 µF
IO = 1 mA
IO = 100 mA
TJ − Junction Temperature − °C
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
Figure 4
TJ − Junction Temperature − °C
GROUND CURRENT
vs
JUNCTION TEMPERATURE
15
17
19
21
23
25
27
−40 −25 −10 5
20 35 50 65 80 95 110 125
IO = 100 mA
IO = 10 µA
VI = 2.7 V
VO = 0.7 V
Figure 5
0
50
100
150
200
250
300
350
400
450
500
100
1 k
10 k
100 k
f − Frequency − Hz
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
VI = 2.7 V
VO = 0.7 V,
IO = 1 mA,
Co = 4.7 µF
Figure 6
1
0
−0.5
−1.5
10
100
1k
10 k
1.5
2.5
3.5
100 k
1 M
f − Frequency − Hz
OUTPUT IMPEDANCE
vs
FREQUENCY
VI = 2.7 V
VO = 0.7 V
Co = 4.7 µF
RESR ≈ 0.3
IO = 100 mA
IO = 1 mA
−1
0.5
2
3
Figure 7
20
40
60
80
100
120
140
160
180
24
6
8
10
DROPOUT VOLTAGE
vs
INPUT VOLTAGE
VI − Input Voltage − V
TJ = 25°C
TJ = −40°C
IO = 100 mA
TJ = 125°C
Figure 8
1
10
100
1000
−40 −25 −10 5
20 35 50 65 80 95 110 125
IO = 100 mA
IO = 10 mA
TJ − Junction Temperature − °C
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
VI = 3.2 V
CO = 4.7 µF
Figure 9
40
10
−10
10
100
1 k
10 k
50
80
90
100 k
1 M
10 M
0
20
30
60
70
IO = 100 mA
IO = 1 mA
f − Frequency − Hz
POWER SUPPLY RIPPLE REJECTION
vs
FREQUENCY
VI = 2.7 V
VO = 0.7 V
Co = 4.7 µF
www.ti.com


Similar Part No. - TPS76201DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201DBVTG4 TI1-TPS76201DBVTG4 Datasheet
597Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results

Similar Description - TPS76201DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201 TI1-TPS76201_17 Datasheet
597Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76901-HT TI-TPS76901-HT_15 Datasheet
879Kb / 22P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
TPS76201-Q1 TI-TPS76201-Q1_15 Datasheet
387Kb / 18P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com