Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK93C51AV Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK93C51AV
Description  0.9V operation 1K / 2Kbit Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C51AV Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK93C51AV Datasheet HTML 1Page - Asahi Kasei Microsystems AK93C51AV Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C51AV Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C51AV Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C51AV Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C51AV Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C51AV Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C51AV Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C51AV Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ASAHI KASEI
[AK93C41A/51A]
DAM05E-01
1999/12
- 1 -
AK93C41A / 51A
0.9V operation 1K / 2Kbit Serial CMOS EEPROM
Features
† ADVANCED CMOS EEPROM TECHNOLOGY
† LOW VCC OPERATION … Vcc = 0.9V ∼ 3.6V
† AK93C41A • • 1024 bits, 64 × 16 organization
AK93C51A • • 2048 bits, 128
× 16 organization
† SERIAL INTERFACE
- Interfaces with popular microcontrollers and standard microprocessors
† LOW POWER CONSUMPTION
- 10
µA Max. Standby (VCC=3.6V)
† Automatic address increment (READ)
† Automatic write cycle time-out with auto-ERASE
† Busy/Ready status signal
† Software controlled write protection
† Hardware write protect for lower block (AK93C51A only)
† IDEAL FOR LOW DENSITY DATA STORAGE
- Low cost, space saving, 8-pin package
Block Diagram
Preliminary


Similar Part No. - AK93C51AV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C55A AKM-AK93C55A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C55AF AKM-AK93C55AF Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C55AV AKM-AK93C55AV Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C55B AKM-AK93C55B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C55B AKM-AK93C55B Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK93C51AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
   1K BIT SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C02B E-CMOS-EC24C02B Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
logo
Rohm
BU99022NUX-3 ROHM-BU99022NUX-3 Datasheet
585Kb / 26P
   I2C BUS 2kbit 2kbit 2ports serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT93LC46 HOLTEK-HT93LC46_09 Datasheet
105Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_07 Datasheet
142Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_10 Datasheet
131Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46 Datasheet
360Kb / 10P
   1K 3-Wire CMOS Serial EEPROM
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com