Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

149-6330 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 149-6330
Description  VDE Snipe Nose Pliers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

149-6330 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  149-6330 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Cutting Capacity: wire
Size
Soft
Med/Hard
160mm
2.5mm
1.6mm
200mm
2.8mm
1.8mm
Size
Price Each
Order Code
160mm
149-6330
200mm
149-6331
VDE Snipe Nose Pliers
493012.492598
Ì Serrated jaws with cutter
Ì Chrome vanadium steel
Ì 2 colour handle with slip guard
Ì Individually tested to 10,000V
Ì Meets VDE 0682-0201, IEC 60900
Ì Available in two different sizes


Similar Part No. - 149-6330

ManufacturerPart #DatasheetDescription
logo
3M Electronics
149-5865 3M-149-5865 Datasheet
28Kb / 1P
   Abrasives, Scotch-Brite Handpads
149-5866 3M-149-5866 Datasheet
28Kb / 1P
   Abrasives, Scotch-Brite Handpads
149-5867 3M-149-5867 Datasheet
28Kb / 1P
   Abrasives, Scotch-Brite Handpads
149-5868 3M-149-5868 Datasheet
28Kb / 1P
   Abrasives, Scotch-Brite Handpads
149-5869 3M-149-5869 Datasheet
28Kb / 1P
   Abrasives, Scotch-Brite Handpads
More results

Similar Description - 149-6330

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
UNIFOX-R-VDE PHOENIX-UNIFOX-R-VDE Datasheet
48Kb / 3P
   Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
1212529 PHOENIX-1212529 Datasheet
48Kb / 2P
   Pointed pliers - UNIFOX-PE VDE
UNIFOX-F-VDE PHOENIX-UNIFOX-F-VDE Datasheet
52Kb / 2P
   Flat-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-P-VDE PHOENIX-UNIFOX-P-VDE Datasheet
50Kb / 2P
   Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-PC-VDE PHOENIX-UNIFOX-PC-VDE Datasheet
47Kb / 3P
   Needle-nose pliers with blade, angled 45째, notched grip area, VDE 1000 V AC/1500 V DC tested
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
   Electronic round-nose pliers, smooth grip, with opening spring
UNIFOX-C-VDE-M PHOENIX-UNIFOX-C-VDE-M Datasheet
53Kb / 2P
   UNIFOX ... VDE-insulated combination pliers in straight and angled versions
logo
List of Unclassifed Man...
LGP730B-45CN ETC-LGP730B-45CN Datasheet
104Kb / 1P
   NOSE ASSEMBLY
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
   Pliers
logo
PHOENIX CONTACT
WIREFOX-10-VDE PHOENIX-WIREFOX-10-VDE Datasheet
49Kb / 2P
   Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com