Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8079BR-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8079BR-REEL7
Description  Dual 260 MHz Gain = 2.0 & 2.2 Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8079BR-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8079BR-REEL7 Datasheet HTML 4Page - Analog Devices AD8079BR-REEL7 Datasheet HTML 5Page - Analog Devices AD8079BR-REEL7 Datasheet HTML 6Page - Analog Devices AD8079BR-REEL7 Datasheet HTML 7Page - Analog Devices AD8079BR-REEL7 Datasheet HTML 8Page - Analog Devices AD8079BR-REEL7 Datasheet HTML 9Page - Analog Devices AD8079BR-REEL7 Datasheet HTML 10Page - Analog Devices AD8079BR-REEL7 Datasheet HTML 11Page - Analog Devices AD8079BR-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
REV. A
AD8079
–9–
The current feedback nature of the op amps, in addition to
enabling the wide bandwidth, provides an output drive of more
than 3 V p-p into a 20
Ω load for each output at 20 MHz. On
the other hand, the voltage feedback nature provides symmetri-
cal high impedance inputs and allows the use of reactive compo-
nents in the feedback network.
The circuit consists of the two op amps each configured as a
unity gain follower by the 750
Ω feedback resistors between
each op amp’s output and inverting input. The output of each
op amp has a 750
Ω resistor to the inverting input of the other
op amp. Thus, each output drives the other op amp through a
unity gain inverter configuration. By connecting the two ampli-
fiers as cross-coupled inverters, their outputs are free to be equal
and opposite, assuring zero-output common-mode voltage.
With this circuit configuration, the common-mode signal of the
outputs is reduced. If one output moves slightly higher, the
negative input to the other op amp drives its output to go
slightly lower and thus preserves the symmetry of the comple-
mentary outputs which reduces the common-mode signal.
The resulting architecture offers several advantages. First, the
gain can be changed by changing a single resistor. Changing
either RF or RG will change the gain as in an inverting op amp
circuit. For most types of differential circuits, more than one
resistor must be changed to change gain and still maintain good
CMR.
Reactive elements can be used in the feedback network. This is
in contrast to current feedback amplifiers that restrict the use of
reactive elements in the feedback. The circuit described requires
about 1.3 pF of capacitance in shunt across RF in order to opti-
mize peaking and realize a –3 dB bandwidth of more than
110 MHz.
The peaking exhibited by the circuit is very sensitive to the
value of this capacitor. Parasitics in the board layout on the or-
der of tenths of picofarads will influence the frequency response
and the value required for the feedback capacitor, so a good lay-
out is essential.
The shunt capacitor type selection is also critical. Good micro-
wave type chip capacitors with high Q were found to yield best
performance.
FREQUENCY – Hz
0.1M
1G
1M
10M
100M
CC = 1.3pF
VIN = 10dBm
6
4
2
0
–2
–4
–6
–8
–10
–12
–14
OUT+
OUT–
Figure 28. Differential Driver Frequency Response
Layout Considerations
The specified high speed performance of the AD8079 requires
careful attention to board layout and component selection.
Proper RF design techniques and low parasitic component se-
lection are mandatory.
The PCB should have a ground plane covering all unused por-
tions of the component side of the board to provide a low im-
pedance ground path. The ground plane should be removed
from the area near the input pins to reduce stray capacitance.
Chip capacitors should be used for supply bypassing (see Figure
29). One end should be connected to the ground plane and the
other within 1/8 in. of each power pin. An additional large
(4.7
µF–10 µF) tantalum electrolytic capacitor should be con-
nected in parallel, but not necessarily so close, to supply current
for fast, large-signal changes at the output.
Stripline design techniques should be used for long signal traces
(greater than about 1 in.). These should be designed with a
characteristic impedance of 50
Ω or 75 Ω and be properly termi-
nated at each end.


Similar Part No. - AD8079BR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079BR-REEL7 AD-AD8079BR-REEL7 Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079BR-REEL7 AD-AD8079BR-REEL7 Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
More results

Similar Description - AD8079BR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079 AD-AD8079_15 Datasheet
351Kb / 12P
   Dual 260 MHz Gain 2.0 & 2.2 Buffer
REV. A
AD8079ARZ AD-AD8079ARZ Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079 AD-AD8079 Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
logo
Texas Instruments
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
OPA3S2859 TI-OPA3S2859_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/√Hz, Programmable Gain Transimpedance Amplifier
REVISED AUGUST 2022
logo
National Semiconductor ...
LMH6704 NSC-LMH6704_14 Datasheet
944Kb / 20P
   MHz Selectable Gain Buffer with Disable
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
   Dual Low-Power, Programmable Gain Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com