Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK6440AF Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK6440AF
Description  2K / 4K / 8Kbit Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6440AF Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK6440AF Datasheet HTML 2Page - Asahi Kasei Microsystems AK6440AF Datasheet HTML 3Page - Asahi Kasei Microsystems AK6440AF Datasheet HTML 4Page - Asahi Kasei Microsystems AK6440AF Datasheet HTML 5Page - Asahi Kasei Microsystems AK6440AF Datasheet HTML 6Page - Asahi Kasei Microsystems AK6440AF Datasheet HTML 7Page - Asahi Kasei Microsystems AK6440AF Datasheet HTML 8Page - Asahi Kasei Microsystems AK6440AF Datasheet HTML 9Page - Asahi Kasei Microsystems AK6440AF Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ASAHI KASEI
[AK6420A/40A/80A]
DAS01E-00
1999/05
- 6 -
Write
The write instruction is followed by 16 bits of data to be written into the specified address. After the 32nd
rising edge of SK to read D0 in, the AK6420A/40A/80A will be put into the automatic write time-out period.
During the automatic write time-out period (Busy status)and while entering write instruction, the RESET pin
should be low level. If the RESET pin is set to high level during the automatic write time-out period, the
AK6420A/40A/80A stops execution of internal programming and the device returns to ready status. In this
case the word data of the specified address will be incomplete. When inputting the new instruction after
RESET, the CS should be set to high level. When the RESET pin is kept at high level, the write is not
executed. This becomes write protection function.
The CS pin need not be high level during automatic write time-out period (BUSY status).


Similar Part No. - AK6440AF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6440A AKM-AK6440A Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK6440AF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
logo
Asahi Kasei Microsystem...
AK6480C AKM-AK6480C Datasheet
173Kb / 15P
   8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com