Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8079AR-REEL Datasheet(PDF) 2 Page - Analog Devices

Part # AD8079AR-REEL
Description  Dual 260 MHz Gain = 2.0 & 2.2 Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8079AR-REEL Datasheet(HTML) 2 Page - Analog Devices

  AD8079AR-REEL Datasheet HTML 1Page - Analog Devices AD8079AR-REEL Datasheet HTML 2Page - Analog Devices AD8079AR-REEL Datasheet HTML 3Page - Analog Devices AD8079AR-REEL Datasheet HTML 4Page - Analog Devices AD8079AR-REEL Datasheet HTML 5Page - Analog Devices AD8079AR-REEL Datasheet HTML 6Page - Analog Devices AD8079AR-REEL Datasheet HTML 7Page - Analog Devices AD8079AR-REEL Datasheet HTML 8Page - Analog Devices AD8079AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD8079–SPECIFICATIONS
AD8079A/AD8079B
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
VIN = 50 mV rms
260
MHz
Bandwidth for 0.1 dB Flatness
VIN = 50 mV rms
50
MHz
Large Signal Bandwidth
VIN = 1 V rms
100
MHz
Slew Rate
VO = 2 V Step
750
V/
µs
VO = 4 V Step
800
V/
µs
Settling Time to 0.1%
VO = 2 V Step
40
ns
Rise & Fall Time
VO = 2 V Step
2.5
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p
–65
dBc
Crosstalk, Output to Output
f = 5 MHz
–70
dB
Input Voltage Noise
f = 10 kHz
2.0
nV/
√Hz
Input Current Noise
f = 10 kHz, +In
2.0
pA/
√Hz
Differential Gain Error
NTSC, RL = 150 Ω
0.01
%
NTSC, RL = 75 Ω
0.01
%
Differential Phase Error
NTSC, RL = 150 Ω
0.02
Degree
RL = 75 Ω
0.07
Degree
DC PERFORMANCE
Offset Voltage, RTO
10
15
mV
TMIN–TMAX
10
20
mV
Offset Drift, RTO
20
µV/°C
+Input Bias Current
3.0
6.0
±µA
TMIN–TMAX
10
±µA
Gain
No Load
1.998/2.198
2.0/2.2
2.002/2.202
V/V
RL = 150 Ω
1.995/2.195
2.0/2.2
2.005/2.205
V/V
Gain Matching
Channel-to-Channel, No Load
0.1
%
Channel-to-Channel, RL = 150 Ω
0.5
%
INPUT CHARACTERISTICS
+Input Resistance
+Input
10
M
+Input Capacitance
+Input
1.5
pF
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150 Ω
2.7
3.1
±V
RL = 75 Ω
2.8
±V
Output Current
1
70
mA
Short Circuit Current
1
85
110
mA
POWER SUPPLY
Operating Range
±3.0
±6.0
V
Quiescent Current/Both Amplifiers
TMIN–TMAX
10.0
11.5
mA
Power Supply Rejection Ratio, RTO
+VS = +4 V to +6 V, –VS = –5 V
49
69
dB
–VS = – 4 V to –6 V, +VS = +5 V
40
50
dB
+Input Current
TMIN–TMAX
0.1
0.5
µA/V
NOTES
1Output current is limited by the maximum power dissipation in the package. See the power derating curves.
Specifications subject to change without notice.
–2–
REV. A
(@ TA = +25 C, VS =
5 V, RL = 100
, unless otherwise noted)


Similar Part No. - AD8079AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079AR-REEL AD-AD8079AR-REEL Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL AD-AD8079AR-REEL Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL7 AD-AD8079AR-REEL7 Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL7 AD-AD8079AR-REEL7 Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
More results

Similar Description - AD8079AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079 AD-AD8079_15 Datasheet
351Kb / 12P
   Dual 260 MHz Gain 2.0 & 2.2 Buffer
REV. A
AD8079ARZ AD-AD8079ARZ Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079 AD-AD8079 Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
logo
Texas Instruments
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
OPA3S2859 TI-OPA3S2859_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/√Hz, Programmable Gain Transimpedance Amplifier
REVISED AUGUST 2022
logo
National Semiconductor ...
LMH6704 NSC-LMH6704_14 Datasheet
944Kb / 20P
   MHz Selectable Gain Buffer with Disable
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
   Dual Low-Power, Programmable Gain Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com