Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2034D1YZF Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA2034D1YZF
Description  2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2034D1YZF Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA2034D1YZF Datasheet HTML 5Page - Texas Instruments TPA2034D1YZF Datasheet HTML 6Page - Texas Instruments TPA2034D1YZF Datasheet HTML 7Page - Texas Instruments TPA2034D1YZF Datasheet HTML 8Page - Texas Instruments TPA2034D1YZF Datasheet HTML 9Page - Texas Instruments TPA2034D1YZF Datasheet HTML 10Page - Texas Instruments TPA2034D1YZF Datasheet HTML 11Page - Texas Instruments TPA2034D1YZF Datasheet HTML 12Page - Texas Instruments TPA2034D1YZF Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
V
200mV/div
DD
V
20mV/div
OUT
t-Time-2mS/div
0
-140
-120
-100
-80
-60
-40
-20
0
2k
200 400 600 800 1k 1.2k 1.4k 1.6k1.8k
f-Frequency-Hz
V
ShowninFigure22
C =1 F,
Inputsac-Grounded
DD
I
m
-150
-130
-110
-90
-70
-50
-30
10
-10
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DCCommon-ModeVoltage-V
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DCCommon-ModeVoltage-V
V
=3.6V
DD
V
=5V
DD
V
=2.5V
DD
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DCCommon-ModeVoltage-V
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
-Common-ModeInputVoltage-V
IC
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
-85
-80
-75
-70
-65
-60
10
100
1k
10k
100k
f-Frequency-Hz
V
=3.6V,
V
=1Vpp,
R =8
DD
IC
L
W
TPA2032D1
TPA2033D1
TPA2034D1
SLOS476 – JUNE 2006
GSM POWER SUPPLY REJECTION
GSM POWER SUPPLY REJECTION
vs
vs
TIME
FREQUENCY
Figure 28.
Figure 29.
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
vs
DC COMMON MODE VOLTAGE -
DC COMMON MODE VOLTAGE -
DC COMMON MODE VOLTAGE -
TPA2032D1
TPA2033D1
TPA2034D1
Figure 30.
Figure 31.
Figure 32.
COMMON-MODE REJECTION
COMMON-MODE REJECTION
RATIO
RATIO
vs
vs
FREQUENCY
COMMON-MODE INPUT VOLTAGE
Figure 33.
Figure 34.
9
Submit Documentation Feedback


Similar Part No. - TPA2034D1YZF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2034D1YZF TI1-TPA2034D1YZF Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFT TI1-TPA2034D1YZFT Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2034D1YZF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1_16 Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com