Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3521150KFT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3521150KFT
Description  Type 3521 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3521150KFT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3521150KFT Datasheet HTML 1Page - List of Unclassifed Manufacturers 3521150KFT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Power Resistors
Type 3521 Series
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.
How to Order
3521
1K0
FT
Common Part
1 ohm
1000 milli ohms
1R0
1K ohm
1000 ohms
1K0
1 Meg ohm
1000000 ohms
1M0
Resistance Value
F - 1%
Tolerance
Pack Style
3521
T - 4000 / reel
Handling Recommendations
When flow soldering - the land width must be smaller than the Chip Resistor width to properly control the solder
application. Generally, the land width can be Chip Resistor width (W) x 0.7 to 0.8. When reflow soldering - solder
application amount can be adjusted. Thus the land width can be set to W x 1.0 to 1.3.
Marking
4 digit marking system. First three digits are significant figures of resistance, fourth denotes number of zeros eg.
3302 = 33K – 33,000Ω.
For values below 10Ω the letter R is used as decimal point eg. 1R20 = 1R2 = 1.2Ω
Dimensions
LW
a
b
t
6.30
3.20
0.60
0.50
0.55
±0.20
±0.20
±0.20
±0.20
±0.10
L
a
W
t
b


Similar Part No. - 3521150KFT

ManufacturerPart #DatasheetDescription
logo
Lumberg
352115 LUMBERG-352115 Datasheet
109Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
352115 LUMBERG-352115 Datasheet
550Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
More results

Similar Description - 3521150KFT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
320 DBLECTRO-320 Datasheet
323Kb / 1P
   SCREW TYPE SERIES
logo
Tyco Electronics
HB15M0FZRE MACOM-HB15M0FZRE Datasheet
111Kb / 2P
   Type HB Series
SQMW533RJ MACOM-SQMW533RJ Datasheet
250Kb / 3P
   Type SQ Series
logo
List of Unclassifed Man...
EP3WS47RJ ETC2-EP3WS47RJ Datasheet
230Kb / 5P
   Type EP Series
logo
Tyco Electronics
CRG0603F10K MACOM-CRG0603F10K Datasheet
131Kb / 3P
   Type CRG Series
TW1102KA MACOM-TW1102KA Datasheet
72Kb / 1P
   Type TW Series
UPW50B250RV MACOM-UPW50B250RV Datasheet
363Kb / 2P
   Type UPW Series
H847K5BYA MACOM-H847K5BYA Datasheet
196Kb / 4P
   Type HOLCO Series
RL731H MACOM-RL731H Datasheet
177Kb / 5P
   Type RL73 Series
logo
M/A-COM Technology Solu...
1623535-1 MA-COM-1623535-1 Datasheet
131Kb / 3P
   Type CRG Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com