Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2005D1DGN Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2005D1DGN
Description  1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1DGN Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA2005D1DGN Datasheet HTML 2Page - Texas Instruments TPA2005D1DGN Datasheet HTML 3Page - Texas Instruments TPA2005D1DGN Datasheet HTML 4Page - Texas Instruments TPA2005D1DGN Datasheet HTML 5Page - Texas Instruments TPA2005D1DGN Datasheet HTML 6Page - Texas Instruments TPA2005D1DGN Datasheet HTML 7Page - Texas Instruments TPA2005D1DGN Datasheet HTML 8Page - Texas Instruments TPA2005D1DGN Datasheet HTML 9Page - Texas Instruments TPA2005D1DGN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
0
10
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
1.2
V
=5V,
R =8 ,33 H
DD
L
W
m
V
=2.5V,
R =8 ,33 H
DD
L
W
m
Class-AB,
DD =5V,
RL =8 W
V
PO -OutputPower-W
0
0.5
1
1.5
P -OutputPower-W
O
0
10
20
30
40
50
60
70
80
90
V
=4.2V,
R =4
,33 H
DD
L
W
m
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
PO -OutputPower-W
VDD =3.6
R
L =32
,33 H
W
m
R
L =16
,33 H
W
m
R
L =8
,33 H
W
m
Class-AB,
RL =8 Ω
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
PO - Output Power - W
VDD = 2.5 V,
RL = 8 Ω, 33 µH
VDD = 3.6 V,
RL = 8 Ω, 33 µH
VDD = 5 V,
RL = 8 Ω, 33 µH
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
PO -OutputPower-W
Class-AB,V DD =5V,RL =8 W
Class-AB,
VDD =3.6V,
RL =8 W
VDD =3.6V,
RL =8 W
,
33 mH
VDD =5V,
RL =8 W
,
33 mH
V
=4.2V
,
R =4
,33 H
m
DD
L
W
0
50
100
150
200
250
0
0.1
0.2
0.3
0.4
0.5
0.6
RL = 8 Ω, 33 µH
VDD = 3.6 V
RL = 32 Ω, 33 µH
PO - Output Power - W
2.5
3
3.5
4
4.5
5
VDD - Supply Voltage - V
RL = 8 Ω
f = 1 kHz
Gain = 2 V/V
THD+N = 1%
THD+N = 10%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
2.5
3
3.5
4
4.5
5
5.5
VDD − Supply Voltage − V
No Load
RL = 8 Ω, 33 µH
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
Shutdown Voltage - V
TPA2005D1
SLOS369F – JULY 2002 – REVISED JULY 2008............................................................................................................................................................... www.ti.com
EFFICIENCY
EFFICIENCY
EFFICIENCY
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
Figure 3.
POWER DISSIPATION
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 4.
Figure 5.
Figure 6.
QUIESCENT CURRENT
SHUTDOWN CURRENT
OUTPUT POWER
vs
vs
vs
SUPPLY VOLTAGE
SHUTDOWN VOLTAGE
SUPPLY VOLTAGE
Figure 7.
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2005D1


Similar Part No. - TPA2005D1DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1DGN TI-TPA2005D1DGN Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DGN TI1-TPA2005D1DGN Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2005D1DGNG4 TI1-TPA2005D1DGNG4 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2005D1DGNR TI1-TPA2005D1DGNR Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2005D1DGNRG4 TI1-TPA2005D1DGNRG4 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
More results

Similar Description - TPA2005D1DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com