Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJNA102MZFB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELJNA102MZFB
Description  1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNA102MZFB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELJNA102MZFB Datasheet HTML 1Page - Panasonic Semiconductor ELJNA102MZFB Datasheet HTML 2Page - Panasonic Semiconductor ELJNA102MZFB Datasheet HTML 3Page - Panasonic Semiconductor ELJNA102MZFB Datasheet HTML 4Page - Panasonic Semiconductor ELJNA102MZFB Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.2
±0.1
0.2
±0.1
1.0
±0.05
0.5
±0.05
1.5 to 1.7
0.5 to 0.6
RF Type 1005 (0402)
Dimensions in mm (not to scale)
Recommended Land Pattern in mm (not to scale)
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJRF1N0 FB
1.0
D : ±0.3 nH
Z : ±0.2 nH
100
8
100
6000
0.05
400
ELJRF1N2 FB
1.2
6000
0.06
400
ELJRF1N5 FB
1.5
6000
0.07
400
ELJRF1N8 FB
1.8
6000
0.08
400
ELJRF2N2 FB
2.2
6000
0.09
400
ELJRF2N7 FB
2.7
5500
0.10
400
ELJRF3N3 FB
3.3
5500
0.12
400
ELJRF3N9 FB
3.9
5200
0.15
360
ELJRF4N7 FB
4.7
4800
0.17
360
ELJRF5N6 FB
5.6
4600
0.19
340
ELJRF6N8 FB
6.8
J : ±5 %
4000
0.30
320
ELJRF8N2 FB
8.2
3500
0.35
320
ELJRF10N FB
10
G : ±2 %
2800
0.41
320
ELJRF12N FB
12
2800
0.45
320
ELJRF15N FB
15
2500
0.60
240
ELJRF18N FB
18
2200
0.70
240
ELJRF22N FB
22
2000
0.80
200
ELJRF27N FB
27
1800
1.20
200
ELJRF33N FB
33
1800
1.40
170
ELJRF39N FB
39
1800
1.70
150
ELJRF47N FB
47
1800
2.10
140
ELJRF56N FB
56
1500
2.50
130
ELJRF68N FB
68
1500
4.00
120
ELJRF82N FB
82
1400
4.50
110
ELJRFR10 FB
100
1200
5.50
90
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJRF2N0 FB
2.0
D : ±0.3 nH
Z : ±0.2 nH
100
8
100
6000
0.08
400
ELJRF2N4 FB
2.4
6000
0.09
400
ELJRF3N0 FB
3.0
5500
0.11
400
ELJRF3N6 FB
3.6
5300
0.14
380
ELJRF4N3 FB
4.3
5000
0.16
360
ELJRF5N1 FB
5.1
4700
0.18
350
ELJRF6N2 FB
6.2
4300
0.25
330
ELJRF7N5 FB
7.5
J : ±5 %
3700
0.33
320
ELJRF9N1 FB
9.1
3100
0.38
320
ELJRF11N FB
11
G : ±2 %
2800
0.43
320
ELJRF13N FB
13
2600
0.53
280
ELJRF16N FB
16
2300
0.65
240
ELJRF20N FB
20
2100
0.75
220
ELJRF24N FB
24
1900
1.00
200
ELJRF30N FB
30
1800
1.30
190
ELJRF36N FB
36
1800
1.60
160
ELJRF43N FB
43
1800
1.90
150
Standard Parts (E24 series)
Standard Parts (E12 series)
: Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
: Symbol of Tolerance
Standard Packing Quantity
10000 pcs./Reel
Feb. 2006


Similar Part No. - ELJNA102MZFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJNA102MF PANASONIC-ELJNA102MF Datasheet
571Kb / 15P
   Chip inductors
More results

Similar Description - ELJNA102MZFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF1N0FB PANASONIC-ELJRF1N0FB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRF10NJFB PANASONIC-ELJRF10NJFB Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
   Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
ELJ-NCR18JF PANASONIC-ELJ-NCR18JF Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core)
ELJ-RE33NJFA PANASONIC-ELJ-RE33NJFA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJJRF PANASONIC-ELJJRF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-EA331KF PANASONIC-ELJ-EA331KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-FA3R9KF PANASONIC-ELJ-FA3R9KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
logo
Schneider Electric
XCSDMP7002 SCHNEIDER-XCSDMP7002 Datasheet
78Kb / 2P
   coded magnetic switch XCSDMP - 2 NC 1 NO - 1 NC staggered - 2m
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com