Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS664814DGE-8A Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS664814DGE-8A
Description  16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS664814DGE-8A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS664814DGE-8A Datasheet HTML 6Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 7Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 8Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 9Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 10Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 11Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 12Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 13Page - Texas Instruments TMS664814DGE-8A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
TMS664414, TMS664814, TMS664164
4 194 304 BY 4BIT/2 097 152 BY 8BIT/1 048 576 BY 16BIT BY 4BANK
SYNCHRONOUS DYNAMIC RANDOMACCESS MEMORIES
SMOS695A − APRIL 1998 − REVISED JULY 1998
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
burst sequence (continued)
Table 6. 8-Bit Burst Sequences
INTERNAL COLUMN ADDRESS A2 − A0
DECIMAL
BINARY
START
2ND
3RD
4TH
5TH
6TH
7TH
8TH
START
2ND
3RD
4TH
5TH
6TH
7TH
8TH
0
1
2
3
4
5
6
7
000
001
010
011
100
101
110
111
1
2
3
4
5
6
7
0
001
010
011
100
101
110
111
000
2
3
4
5
6
7
0
1
010
011
100
101
110
111
000
001
Serial
3
4
5
6
7
0
1
2
011
100
101
110
111
000
001
010
Serial
4
5
6
7
0
1
2
3
100
101
110
111
000
001
010
011
5
6
7
0
1
2
3
4
101
110
111
000
001
010
011
100
6
7
0
1
2
3
4
5
110
111
000
001
010
011
100
101
7
0
1
2
3
4
5
6
111
000
001
010
011
100
101
110
0
1
2
3
4
5
6
7
000
001
010
011
100
101
110
111
1
0
3
2
5
4
7
6
001
000
011
010
101
100
111
110
2
3
0
1
6
7
4
5
010
011
000
001
110
111
100
101
Interleave
3
2
1
0
7
6
5
4
011
010
001
000
111
110
101
100
Interleave
4
5
6
7
0
1
2
3
100
101
110
111
000
001
010
011
5
4
7
6
1
0
3
2
101
100
111
110
001
000
011
010
6
7
4
5
2
3
0
1
110
111
100
101
010
011
000
001
7
6
5
4
3
2
1
0
111
110
101
100
011
010
001
000
latency
The beginning data-output cycle of a read burst can be programmed to occur two or three CLK cycles after the
READ command (see Figure 2 on how to set the mode register.) This feature allows adjustment of the ’664xx4
to operate in accordance with the system’s capability to latch the data output from the ’664xx4. The delay
between the READ command and the beginning of the output burst is known as CAS latency (also known as
read latency). After the initial output cycle begins, the data burst occurs at the CLK frequency without any
intervening gaps. Use of minimum CAS latencies is restricted, based on the particular maximum frequency
rating of the ’664xx4. Once the mode register has been set (see the section on setting the mode register),
subsequent changes to the CAS latency are prohibited.
There is no latency for data-in cycles (write latency). The first data-in cycle of a write burst is entered at the same
rising edge of CLK as the WRT command. The write latency is fixed and is not determined by the mode-register
contents.
four-bank operation
The ’664xx4 contains four independent banks that can be accessed individually or in an interleaved fashion.
Each bank must be activated with a row address before it can be accessed. Each bank then must be deactivated
before it can be activated again with a new row address. The bank-activate/row-address-entry command
(ACTV) is entered by holding RAS low, CAS high, W high, and A12−A13 valid on the rising edge of CLK. A bank
can be deactivated either automatically during a READ (READ-P) or a WRT (WRT-P) command, or by using
the bank-deactivate (DEAC) command. All banks can be deactivated at once by using the DCAB command (see
Table 1 for a description of the bank-deactivation, and Figure 25 and Figure 26 for examples of the operation).


Similar Part No. - TMS664814DGE-8A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS664814 TI-TMS664814 Datasheet
958Kb / 56P
[Old version datasheet]   4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS66481410 TI-TMS66481410 Datasheet
958Kb / 56P
[Old version datasheet]   4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS6648148 TI-TMS6648148 Datasheet
958Kb / 56P
[Old version datasheet]   4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS6648148A TI-TMS6648148A Datasheet
958Kb / 56P
[Old version datasheet]   4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS664814DGE-8A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS626812B TI-TMS626812B Datasheet
611Kb / 40P
[Old version datasheet]   1,048,576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMJ626162 TI-SMJ626162 Datasheet
629Kb / 42P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS664414 TI-TMS664414 Datasheet
958Kb / 56P
[Old version datasheet]   4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com