Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMX320C6454BZTZ Datasheet(PDF) 9 Page - Texas Instruments

Part # TMX320C6454BZTZ
Description  Fixed-Point Digital Signal Processor
Download  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX320C6454BZTZ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMX320C6454BZTZ Datasheet HTML 5Page - Texas Instruments TMX320C6454BZTZ Datasheet HTML 6Page - Texas Instruments TMX320C6454BZTZ Datasheet HTML 7Page - Texas Instruments TMX320C6454BZTZ Datasheet HTML 8Page - Texas Instruments TMX320C6454BZTZ Datasheet HTML 9Page - Texas Instruments TMX320C6454BZTZ Datasheet HTML 10Page - Texas Instruments TMX320C6454BZTZ Datasheet HTML 11Page - Texas Instruments TMX320C6454BZTZ Datasheet HTML 12Page - Texas Instruments TMX320C6454BZTZ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 232 page
background image
TMS320C6454
www.ti.com
SPRS311I – APRIL 2006 – REVISED MARCH 2012
Other new features include:
SPLOOP - A small instruction buffer in the CPU that aids in creation of software pipelining loops where
multiple iterations of a loop are executed in parallel. The SPLOOP buffer reduces the code size
associated with software pipelining. Furthermore, loops in the SPLOOP buffer are fully interruptible.
Compact Instructions - The native instruction size for the C6000 devices is 32 bits. Many common
instructions such as MPY, AND, OR, ADD, and SUB can be expressed as 16 bits if the C64x+
compiler can restrict the code to use certain registers in the register file. This compression is
performed by the code generation tools.
Instruction Set Enhancements - As noted above, there are new instructions such as 32-bit
multiplications, complex multiplications, packing, sorting, bit manipulation, and 32-bit Galois field
multiplication.
Exception Handling - Intended to aid the programmer in isolating bugs. The C64x+ CPU is able to
detect and respond to exceptions, both from internally detected sources (such as illegal op-codes) and
from system events (such as a watchdog time expiration).
Privilege - Defines user and supervisor modes of operation, allowing the operating system to give a
basic level of protection to sensitive resources. Local memory is divided into multiple pages, each with
read, write, and execute permissions.
Time-Stamp Counter - Primarily targeted for Real-Time Operating System (RTOS) robustness, a free-
running time-stamp counter is implemented in the CPU which is not sensitive to system stalls.
For more details on the C64x+ CPU and its enhancements over the C64x architecture, see the following
documents:
TMS320C64x/C64x+ DSP CPU and Instruction Set Reference Guide (literature number SPRU732)
TMS320C64x+ DSP Cache User's Guide (literature number SPRU862)
TMS320C64x+ Megamodule Reference Guide (literature number SPRU871)
TMS320C6455 Technical Reference (literature number SPRU965)
TMS320C64x to TMS320C64x+ CPU Migration Guide (literature number SPRAA84)
Copyright © 2006–2012, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Link(s): TMS320C6454


Similar Part No. - TMX320C6454BZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6454BZTZ TI-TMX320C6454BZTZ Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ7 TI-TMX320C6454BZTZ7 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ8 TI-TMX320C6454BZTZ8 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMX320C6454BZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com