Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC27M9IDG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC27M9IDG4
Description  LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M9IDG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLC27M9IDG4 Datasheet HTML 1Page - Texas Instruments TLC27M9IDG4 Datasheet HTML 2Page - Texas Instruments TLC27M9IDG4 Datasheet HTML 3Page - Texas Instruments TLC27M9IDG4 Datasheet HTML 4Page - Texas Instruments TLC27M9IDG4 Datasheet HTML 5Page - Texas Instruments TLC27M9IDG4 Datasheet HTML 6Page - Texas Instruments TLC27M9IDG4 Datasheet HTML 7Page - Texas Instruments TLC27M9IDG4 Datasheet HTML 8Page - Texas Instruments TLC27M9IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
600
0
– 600
1200
– 1200
N Package
TA = 25°C
VDD = 5 V
301 Units Tested From 2 Wafer Lots
VIO – Input Offset Voltage – μV
DISTRIBUTION OF TLC27M9
INPUT OFFSET VOLTAGE
40
35
30
25
20
15
10
5
0
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN–
1IN +
VDD
2IN +
2IN–
2OUT
4OUT
4IN –
4IN +
GND
3IN +
3IN –
3OUT
D, J, N, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN +
NC
GND
NC
3IN +
1IN +
NC
VDD
NC
2IN +
FK PACKAGE
(TOP VIEW)
NC – No internal connection
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
LinCMOS™ PRECISION QUAD OPERATIONAL AMPLIFIERS
Check for Samples: TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
1
FEATURES
2
Trimmed Offset Voltage
TLC27M9 . . . 900 µV Max at TA = 25°C,
VDD = 5 V
Input Offset Voltage Drift . . . Typically
0.1 µV/Month, Including the First 30 Days
Wide Range of Supply Voltages Over Specified
Temperature Range:
0°C to 70°C . . . 3 V to 16 V
–40°C to 85°C . . . 4 V to 16 V
–55°C to 125°C . . . 4 V to 16 V
Single-Supply Operation
Common-Mode Input Voltage Range
Extends Below the Negative Rail (C-Suffix,
I-Suffix Types)
Low Noise . . . Typically 32 nV/
√Hz
at f = 1 kHz
Low Power . . . Typically 2.1 mW at
TA = 25°C, VDD = 5 V
Output Voltage Range Includes Negative Rail
High Input Impedance . . . 1012
Ω Typ
ESD-Protection Circuitry
Small-Outline Package Option Also Available
in Tape and Reel
Designed-In Latch-Up Immunity
DESCRIPTION
The
TLC27M4
and
TLC27M9
quad
operational
amplifiers combine a wide range of input offset
voltage grades with low offset voltage drift, high input
impedance, low noise, and speeds comparable to
that
of
general-purpose
bipolar
devices.
These
devices
use
Texas
Instruments
silicon-gate
LinCMOS™ technology, which provides offset voltage
stability far exceeding the stability available with
conventional metal-gate processes.
The extremely high input impedance, low bias
currents, make these cost-effective devices ideal for
applications that have previously been reserved for
general-purpose bipolar products, but with only a
fraction of the power consumption.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LinCMOS is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Copyright © 1987–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC27M9IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27M9IDG4 TI1-TLC27M9IDG4 Datasheet
1Mb / 52P
[Old version datasheet]   PRECISION QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC27M9IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com