Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK6440B Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK6440B
Description  2K / 4K / 8Kbit Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6440B Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK6440B Datasheet HTML 6Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 7Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 8Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 9Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 10Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 11Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 12Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 13Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ASAHI KASEI
[AK6420B/40B/80B]
DAS03E-00
1999/05
- 10 -
Electrical Characteristics
(1) D.C. ELECTRICAL CHARACTERISTICS
( 1.8V
≤Vcc≤5.5V, -40°C≤Ta≤85°C, unless otherwise specified )
Parameter
Symbol
Condition
Min.
Max.
Unit
ICC1
VCC=5.5V, tSKP=500ns, *1
4.0
mA
6420B
2.0
mA
ICC2
VCC=2.5V, *1
tSKP=500ns
6440B/80B
2.5
mA
6420B
1.5
mA
Current Dissipation
(WRITE)
ICC3
VCC=1.8V, *1
tSKP=1.5us
6440B/80B
2.0
mA
ICC4
VCC=5.5V, tSKP=500ns, *1
0.75
mA
ICC5
VCC=2.5V, tSKP=500ns, *1
0.3
mA
Current Dissipation
(READ,WREN,
WRDS) ICC6
VCC=1.8V, tSKP=1.5us,
*1
0.15
mA
Current Dissipation
(Standby)
ICCSB VCC=5.5V
*2
0.8
uA
Input High Voltage1
CS, SK, RESET pin
VIH1
1.8V
VCC5.5V
0.8
ÕVCC
VCC+0.5
V
VIH2
2.5V
VCC5.5V
0.7
ÕVCC
VCC+0.5
V
Input High Voltage2
DI pin
VIH3
1.8V
VCC<2.5V
0.8
ÕVCC
VCC+0.5
V
Input Low Voltage1
CS, SK, RESET pin
VIL1
1.8V
VCC5.5V
00.2
ÕVCC
V
VIL2
2.5V
VCC5.5V
00.3
ÕVCC
V
Input Low Voltage2
DI pin
VIL3
1.8V
VCC<2.5V
00.2
ÕVCC
V
VOH1 2.5V
VCC5.5V
IOH=-50
µA
VCC-0.3
V
Output High Voltage
VOH2 1.8V
VCC<2.5V
IOH=-50
µA
VCC-0.3
V
VOL1
2.5V
VCC5.5V
IOL=1.0mA
0.4
V
Output Low Voltage
VOL2
1.8V
VCC<2.5V
IOL=0.1mA
0.4
V
Input Leakage
ILI
VCC=5.5V,VIN=5.5V
‘1.0
uA
Output Leakage
ILO
VCC=5.5V
VOUT=5.5V,CS=VCC
‘1.0
uA
*1: VIN=VIH/VIL,DO=Open
*2: CS=Vcc, SK/DI/RESET=Vcc/GND,DO=Open


Similar Part No. - AK6440B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6440B AKM-AK6440B Datasheet
227Kb / 13P
   4096bit Serial CMOS EEPROM
AK6440BL AKM-AK6440BL Datasheet
227Kb / 13P
   4096bit Serial CMOS EEPROM
More results

Similar Description - AK6440B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
logo
Asahi Kasei Microsystem...
AK6480C AKM-AK6480C Datasheet
173Kb / 15P
   8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com