Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7712A-VT Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK7712A-VT
Description  Built-in 20-bit ADC/DAC Sophisticated Audio DSP
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7712A-VT Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK7712A-VT Datasheet HTML 1Page - Asahi Kasei Microsystems AK7712A-VT Datasheet HTML 2Page - Asahi Kasei Microsystems AK7712A-VT Datasheet HTML 3Page - Asahi Kasei Microsystems AK7712A-VT Datasheet HTML 4Page - Asahi Kasei Microsystems AK7712A-VT Datasheet HTML 5Page - Asahi Kasei Microsystems AK7712A-VT Datasheet HTML 6Page - Asahi Kasei Microsystems AK7712A-VT Datasheet HTML 7Page - Asahi Kasei Microsystems AK7712A-VT Datasheet HTML 8Page - Asahi Kasei Microsystems AK7712A-VT Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
ASAHI KASEI
[AK7712A-VT]
0180-E-02
1997/12
- 5 -
„
„
„
„ AK7712A DSP unit Block Diagram
Data
Address
CP0,1
DP0,1
D0
a7
AD0
a16
CRAM
256
× 16
DRAM
128
× 24
Delay Data
16-bit
Ext RAM
Control
OFRAM
40
× 16
CBUS (16-bit)
DBUS (24-bit)
MPX16
MPX24
Microcomputer Serial
Micom I/F
Control
Interface
D
E
C
PRAM
384
× 32
X
Y
Multiply
16
× 24→40
24-bit
40-bit
PC
Stack:1Level
34-bit
MUL
DBUS
SHIFT
TMP 8
× 24-bit
34-bit
SDIN1 (24/16-bit)
2
× 24/16-bit
MSB/LSB justified Serial In
SDIN2 (20/16-bit)
2
× 20/16-bit
MSB justified Serial In (note 1)
A
B
ALU
34-bit
Overflow Margin:4bit
SDOUT1 (24/16-bit)
2
× 24/16-bit
MSB/LSB justified Serial Out
DR0
a3
SDOUT2 (20/16-bit)
2
× 20/16-bit
MSB justified Serial Out (note 2)
24-bit
SDOUT3 (20/16-bit)
2
× 20/16-bi
MSB justified Serial Out (note 3)
Overflow Data
Generator
note 1: Normally it's connected to built-in ADC
2: Normally it's connected to built-in DAC1
Peak Detector
3: Normally it's connected to built-in DAC2
Division
16
÷ 16→16


Similar Part No. - AK7712A-VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7714 AKM-AK7714 Datasheet
516Kb / 48P
   20-Bit Audio Codec with DSP and Delay RAM
AK7714VT AKM-AK7714VT Datasheet
516Kb / 48P
   20-Bit Audio Codec with DSP and Delay RAM
AK7719 AKM-AK7719 Datasheet
335Kb / 16P
   Low Power DSP for Voice and Audio Processing
AK7719B AKM-AK7719B Datasheet
826Kb / 20P
   Low Power DSP for Voice and Audio Processing
AK7719BECB AKM-AK7719BECB Datasheet
826Kb / 20P
   Low Power DSP for Voice and Audio Processing
More results

Similar Description - AK7712A-VT

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9406KS2 ROHM-BD9406KS2 Datasheet
886Kb / 38P
   28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
BU9408KS2 ROHM-BU9408KS2_12 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
logo
Asahi Kasei Microsystem...
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK4516A AKM-AK4516A Datasheet
355Kb / 39P
   3V 16BIT ADC&DAC WITH BUILT-IN PGA
logo
Analog Devices
AD1862 AD-AD1862_15 Datasheet
141Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com