Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP300AIDCKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP300AIDCKR
Description  1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP300AIDCKR Datasheet(HTML) 4 Page - Texas Instruments

  TMP300AIDCKR Datasheet HTML 1Page - Texas Instruments TMP300AIDCKR Datasheet HTML 2Page - Texas Instruments TMP300AIDCKR Datasheet HTML 3Page - Texas Instruments TMP300AIDCKR Datasheet HTML 4Page - Texas Instruments TMP300AIDCKR Datasheet HTML 5Page - Texas Instruments TMP300AIDCKR Datasheet HTML 6Page - Texas Instruments TMP300AIDCKR Datasheet HTML 7Page - Texas Instruments TMP300AIDCKR Datasheet HTML 8Page - Texas Instruments TMP300AIDCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
-40
-25
0
95
85
45
25
50
75
100
125
Temperature( C)
°
75
55
65
V =18V
S
V =3.3V
S
V =1.8V
S
-
40 -25
0
2.0
1.5
1.0
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
25
50
75
100
125
Temperature( C)
°
T
+1%
ERROR
T
ERROR - 1%
T
+0.1%
ERROR
T
ERROR - 0.1%
-
40 -25
0
700
600
500
400
300
200
100
0
25
50
75
100
125
Temperature(°C)
-
40 -25
0
4.0
-
4.0
25
50
75
100
125
Temperature( C)
°
2.0
-
1.0
1.0
0
-
2.0
-
3.0
3.0
-
40 -25
0
3.0
2.0
-
3.0
25
50
75
100
125
Temperature( C)
°
1.5
-
2.0
1.0
-
2.5
2.5
0.5
0
-
0.5
-
1.0
-
1.5
-
40 -25
0
0.10
0.08
-
0.02
0
-
0.04
-
0.06
-
0.08
-
0.10
25
50
75
100
125
Temperature(°C)
0.06
0.04
0.02
T
is+85 CforV
°
MAX
S =1.8Vto3.3V
3.3Vto18V
TMP300
SBOS335C – JUNE 2005 – REVISED JANUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS
At VS = 5V, unless otherwise noted.
QUIESCENT CURRENT OVER TEMPERATURE AND
SUPPLY
RSET SHIFT DUE TO RSET TOLERANCE
Figure 1.
Figure 2.
RSET vs TEMPERATURE
TYPICAL TRIP ERROR
Figure 3.
Figure 4.
TYPICAL ANALOG OUTPUT ERROR
ANALOG PSR OVER TEMPERATURE
Figure 5.
Figure 6.
4
Submit Documentation Feedback
Copyright © 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): TMP300


Similar Part No. - TMP300AIDCKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP300AIDCKR BURR-BROWN-TMP300AIDCKR Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300AIDCKR TI-TMP300AIDCKR Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKR TI1-TMP300AIDCKR Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
logo
Burr-Brown (TI)
TMP300AIDCKRG4 BURR-BROWN-TMP300AIDCKRG4 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300AIDCKRG4 TI-TMP300AIDCKRG4 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
More results

Similar Description - TMP300AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com