Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK6420A Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK6420A
Description  2K / 4K / 8Kbit Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6420A Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK6420A Datasheet HTML 1Page - Asahi Kasei Microsystems AK6420A Datasheet HTML 2Page - Asahi Kasei Microsystems AK6420A Datasheet HTML 3Page - Asahi Kasei Microsystems AK6420A Datasheet HTML 4Page - Asahi Kasei Microsystems AK6420A Datasheet HTML 5Page - Asahi Kasei Microsystems AK6420A Datasheet HTML 6Page - Asahi Kasei Microsystems AK6420A Datasheet HTML 7Page - Asahi Kasei Microsystems AK6420A Datasheet HTML 8Page - Asahi Kasei Microsystems AK6420A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ASAHI KASEI
[AK6420A/40A/80A]
DAS01E-00
1999/05
- 1 -
AK6420A / 40A / 80A
2K / 4K / 8Kbit Serial CMOS EEPROM
Features
† ADVANCED CMOS EEPROM TECHNOLOGY
† Wide Vcc (1.8V ∼ 5.5V) operation
† AK6420A • • 2048 bits: 128 × 16 organization
AK6440A • • 4096 bits: 256
× 16 organization
AK6480A • • 8192 bits: 512
× 16 organization
† ONE CHIP MICROCOMPUTER INTERFACE
- Interface with one chip microcomputer's serial communication port directly
† LOW POWER CONSUMPTION
- 0.75mA Max (Read operation)
- 0.8
µA Max (Standby mode)
† HIGH RELIABILITY
-Endurance
: 100K cycles
-Data Retention
: 10 years
† SPECIAL FEATURES
- High speed operation ( fMAX=1MHz: Vcc=2.5V )
- Automatic write cycle time-out with auto-ERASE
- Automatic address increment (READ)
- Ready/Busy status signal
- Software and Hardware controlled write protection
† IDEAL FOR LOW DENSITY DATA STORAGE
- Low cost, space saving, 8-pin package (SOP, SSOP)
Block diagram


Similar Part No. - AK6420A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK6420A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
logo
Asahi Kasei Microsystem...
AK6480C AKM-AK6480C Datasheet
173Kb / 15P
   8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com