Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320A1103PBSRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV320A1103PBSRG4
Description  PCM CODEC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320A1103PBSRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV320A1103PBSRG4 Datasheet HTML 7Page - Texas Instruments TLV320A1103PBSRG4 Datasheet HTML 8Page - Texas Instruments TLV320A1103PBSRG4 Datasheet HTML 9Page - Texas Instruments TLV320A1103PBSRG4 Datasheet HTML 10Page - Texas Instruments TLV320A1103PBSRG4 Datasheet HTML 11Page - Texas Instruments TLV320A1103PBSRG4 Datasheet HTML 12Page - Texas Instruments TLV320A1103PBSRG4 Datasheet HTML 13Page - Texas Instruments TLV320A1103PBSRG4 Datasheet HTML 14Page - Texas Instruments TLV320A1103PBSRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TLV320AIC1103
SLAS356 − DECEMBER 2001
11
www.ti.com
electrical characteristics, VDD = 2.7 V, TA = 25°C (unless otherwise noted) (continued)
transmit idle channel noise and distortion, companded mode (
µ-law or A-law) selected, slope filter enabled
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Transmit idle channel noise, psophometrically
weighted
TXPGA gain= 0 dB, micamp 1 gain = 23.5 dB,
micamp 2 gain = 0.0 dB
− 86.6
−78
dBm0p
MIC1N, MIC1P to PCMO at 3 dBm0
27
MIC1N, MIC1P to PCMO at 0 dBm0
30
MIC1N, MIC1P to PCMO at − 5 dBm0
33
Transmit signal-to-total distortion ratio with 1020-Hz
MIC1N, MIC1P to PCMO at − 10 dBm0
36
dB
Transmit signal-to-total distortion ratio with 1020-Hz
sine-wave input
MIC1N, MIC1P to PCMO at − 20 dBm0
35
dB
sine-wave input
MIC1N, MIC1P to PCMO at − 30 dBm0
26
MIC1N, MIC1P to PCMO at − 40 dBm0
24
MIC1N, MIC1P to PCMO at − 45 dBm0
19
Intermodulation distortion, 2-tone CCITT method,
CCITT G.712 (7.1), R2
49
dB
Intermodulation distortion, 2-tone CCITT method,
composite power level, − 13 dBm0
CCITT G.712 (7.2), R2
51
dB
transmit idle channel noise and distortion, linear mode selected, slope filter bypassed
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Transmit idle channel noise
TXPGA gain = 0 dB, micamp 1 gain = 23.5 dB,
micamp 2 gain = 0 dB
− 86.6
−78
dBm0p
MIC1N, MIC1P to PCMO at 3 dBm0
40
50
MIC1N, MIC1P to PCMO at 0 dBm0
50
65
MIC1N, MIC1P to PCMO at − 5 dBm0
60
68
Transmit signal-to-total distortion ratio with 1020-Hz
MIC1N, MIC1P to PCMO at − 10 dBm0
55
70
dB
Transmit signal-to-total distortion ratio with 1020-Hz
sine-wave input
MIC1N, MIC1P to PCMO at − 20 dBm0
58
65
dB
sine-wave input
MIC1N, MIC1P to PCMO at − 30 dBm0
50
60
MIC1N, MIC1P to PCMO at − 40 dBm0
38
50
MIC1N, MIC1P to PCMO at − 45 dBm0
30
45
transmit idle channel noise and distortion, linear mode selected, slope filter enabled
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Transmit idle channel noise
TXPGA gain = 0 dB, micamp 1 gain = 23.5 dB,
micamp 2 gain = 0 dB
− 86.6
−78
dBm0p
MIC1N, MIC1P to PCMO at 3 dBm0
40
50
MIC1N, MIC1P to PCMO at 0 dBm0
50
65
MIC1N, MIC1P to PCMO at − 5 dBm0
60
68
Transmit signal-to-total distortion ratio with 1020-Hz
MIC1N, MIC1P to PCMO at − 10 dBm0
55
70
dB
Transmit signal-to-total distortion ratio with 1020-Hz
sine-wave input
MIC1N, MIC1P to PCMO at − 20 dBm0
58
65
dB
sine-wave input
MIC1N, MIC1P to PCMO at − 30 dBm0
50
60
MIC1N, MIC1P to PCMO at − 40 dBm0
38
50
MIC1N, MIC1P to PCMO at − 45 dBm0
30
45


Similar Part No. - TLV320A1103PBSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320A20KIPFBRG4 TI-TLV320A20KIPFBRG4 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320A23BIRHDRG4 TI-TLV320A23BIRHDRG4 Datasheet
231Kb / 50P
[Old version datasheet]   STEREO AUDIO CODEC 8 TO 96 KHZ WITH INTEGRATED HEADPHONE AMPLIFIER
TLV320A23BIRHDRG4 TI-TLV320A23BIRHDRG4 Datasheet
726Kb / 56P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
TLV320A24KIPFBRG4 TI-TLV320A24KIPFBRG4 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320A3204IRHBRG4 TI1-TLV320A3204IRHBRG4 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results

Similar Description - TLV320A1103PBSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI-TLV320AIC1110 Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
[Old version datasheet]   PCM CODEC
TLV320AIC1107 TI-TLV320AIC1107 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com