Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK6420A-1 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK6420A-1
Description  2K / 4K / 8Kbit Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6420A-1 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK6420A-1 Datasheet HTML 3Page - Asahi Kasei Microsystems AK6420A-1 Datasheet HTML 4Page - Asahi Kasei Microsystems AK6420A-1 Datasheet HTML 5Page - Asahi Kasei Microsystems AK6420A-1 Datasheet HTML 6Page - Asahi Kasei Microsystems AK6420A-1 Datasheet HTML 7Page - Asahi Kasei Microsystems AK6420A-1 Datasheet HTML 8Page - Asahi Kasei Microsystems AK6420A-1 Datasheet HTML 9Page - Asahi Kasei Microsystems AK6420A-1 Datasheet HTML 10Page - Asahi Kasei Microsystems AK6420A-1 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ASAHI KASEI
[AK6420A/40A/80A]
DAS01E-00
1999/05
- 7 -
Read
The read instruction is the only instruction which outputs serial data on the DO pin. When the 17th falling
edge of SK is received , the DO pin will come out of high impedance state and shift out the data from D15 first
in descending order which is located at the address specified in the instruction.
The data in the next address can be read sequentially by continuing to provide clock. The address
automatically cycles to the next higher address after the 16bit data shifted out.
AK6420A • • When the highest address is reached ($7F), the address counter rolls over to
address $00 allowing the read cycle to be continued indefinitely.
AK6440A • • When the highest address is reached ($FF), the address counter rolls over to
address $00 allowing the read cycle to be continued indefinitely.
AK6480A • • When the highest address is reached ($1FF), the address counter rolls over to
address $000 allowing the read cycle to be continued indefinitely.


Similar Part No. - AK6420A-1

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK6420A-1

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
logo
Asahi Kasei Microsystem...
AK6480C AKM-AK6480C Datasheet
173Kb / 15P
   8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com