Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4501IDRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # THS4501IDRG4
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4501IDRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4501IDRG4 Datasheet HTML 5Page - Texas Instruments THS4501IDRG4 Datasheet HTML 6Page - Texas Instruments THS4501IDRG4 Datasheet HTML 7Page - Texas Instruments THS4501IDRG4 Datasheet HTML 8Page - Texas Instruments THS4501IDRG4 Datasheet HTML 9Page - Texas Instruments THS4501IDRG4 Datasheet HTML 10Page - Texas Instruments THS4501IDRG4 Datasheet HTML 11Page - Texas Instruments THS4501IDRG4 Datasheet HTML 12Page - Texas Instruments THS4501IDRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
Table of Graphs (5 V)
FIGURE
Small-signal unity-gain frequency response
51
Small-signal frequency response
52
0.1-dB gain flatness frequency response
53
Large-signal frequency response
54
Harmonic distortion (single-ended input to differential output)
vs Frequency
55, 57, 63, 65
Harmonic distortion (differential input to differential output)
vs Frequency
56, 58, 64, 66
Harmonic distortion (single-ended input to differential output)
vs Output voltage swing
59, 61, 67, 69
Harmonic distortion (differential input to differential output)
vs Output voltage swing
60, 62, 68, 70
Harmonic distortion (single-ended input to differential output)
vs Load resistance
71
Harmonic distortion (differential input to differential output)
vs Load resistance
72
Third-order intermodulation distortion
vs Frequency
73
Third-order intercept point
vs Frequency
74
Slew rate
vs Differential output voltage step
75
Large-signal transient response
76
Small-signal transient response
77
Voltage and current noise
vs Frequency
78
Rejection ratios
vs Frequency
79
Rejection ratios
vs Case temperature
80
Output balance error
vs Frequency
81
Open-loop gain and phase
vs Frequency
82
Open-loop gain
vs Case temperature
83
Input bias offset current
vs Case temperature
84
Quiescent current
vs Supply voltage
85
Input offset voltage
vs Case temperature
86
Common-mode rejection ratio
vs Input common-mode range
87
Output drive
vs Case temperature
88
Harmonic distortion (single-ended and differential input)
vs Output common-mode voltage
89
Small-signal frequency response at VOCM
90
Output offset voltage
vs Output common-mode voltage
91
Quiescent current
vs Power-down voltage
92
Turn-on and turn-off delay times
93
Single-ended output impedance in power-down
vs Frequency
94
vs Case temperature
95
Power-down quiescent current
vs Supply voltage
96
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4500 THS4501


Similar Part No. - THS4501IDRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4501IDRG4 NSC-THS4501IDRG4 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4501IDRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI-THS4502 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com