Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4501IDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4501IDR
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4501IDR Datasheet(HTML) 1 Page - Texas Instruments

  THS4501IDR Datasheet HTML 1Page - Texas Instruments THS4501IDR Datasheet HTML 2Page - Texas Instruments THS4501IDR Datasheet HTML 3Page - Texas Instruments THS4501IDR Datasheet HTML 4Page - Texas Instruments THS4501IDR Datasheet HTML 5Page - Texas Instruments THS4501IDR Datasheet HTML 6Page - Texas Instruments THS4501IDR Datasheet HTML 7Page - Texas Instruments THS4501IDR Datasheet HTML 8Page - Texas Instruments THS4501IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
DGK-8
DGN-8
D-8
1
2
3
4
8
7
6
5
VIN−
VIN+
VOCM
VS+
VOUT+
PD
VS−
VOUT−
APPLICATION CIRCUIT DIAGRAM
f − Frequency − MHz
−80
−92
10
20
40
60
−74
THIRD-ORDER INTERMODULATION
DISTORTION
−62
80
100
−68
−86
−98
12
10
14
16
VS
392
+
+
800
VS+
VOUT
392
402
56.2
50
374
VOCM
2.5 V
VS−
30
50
70
90
VS = 5 V
VS = ±5 V
+
+
VOCM
12 Bit/80 MSps
IN
IN
5 V
Vref
5 V
VS
0.1
µF
10
µF
392
10 pF
1
µF
56.2
ADC
374
50
402
392
10 pF
24.9
24.9
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
Check for Samples: THS4500, THS4501
1
FEATURES
APPLICATIONS
23
Fully Differential Architecture
High Linearity Analog-to-Digital Converter
Preamplifier
Bandwidth: 370 MHz
Wireless Communication Receiver Chains
Slew Rate: 2800 V/
μs
Single-Ended to Differential Conversion
IMD3: –90 dBc at 30 MHz
Differential Line Driver
OIP3: 49 dBm at 30 MHz
Active Filtering of Differential Signals
Output Common-Mode Control
Wide Power-Supply Voltage Range: 5 V,
±5 V,
12 V, 15 V
Input Common-Mode Range Shifted to Include
Negative Power-Supply Rail
Power-Down Capability (THS4500)
Evaluation Module Available
DESCRIPTION
RELATED DEVICES
DEVICE(1)
DESCRIPTION
The THS4500 and THS4501 are high-performance
fully differential amplifiers from Texas Instruments.
THS4500/1
370 MHz, 2800 V/
μs, VICR Includes VS–
The THS4500, featuring power-down capability, and
THS4502/3
370 MHz, 2800 V/
μs, Centered VICR
the THS4501, without power-down capability, set new
THS4120/1
3.3 V, 100 MHz, 43 V/
μs, 3.7 nV/√Hz
performance standards for fully differential amplifiers
THS4130/1
±15 V, 150 MHz, 51 V/μs, 1.3 nV/√Hz
with
unsurpassed
linearity,
supporting
14-bit
THS4140/1
±15 V, 160 MHz, 450 V/μs, 6.5 nV/√Hz
operation through 40 MHz. Package options include
the SOIC-8 and the MSOP-8 with PowerPAD
™ for a
THS4150/1
±15 V, 150 MHz, 650 V/μs, 7.6 nV/√Hz
smaller footprint, enhanced ac performance, and
improved thermal dissipation capability.
(1)
Even-numbered devices feature power-down capability.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2002–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4501IDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4501IDR NSC-THS4501IDR Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4501IDRG4 NSC-THS4501IDRG4 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4501IDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI-THS4502 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com