Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE1A1BL9 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # DE1A1BL9
Description  COMPACT HIGH-INSULATION POLARIZED POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DE1A1BL9 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  DE1A1BL9 Datasheet HTML 1Page - Panasonic Semiconductor DE1A1BL9 Datasheet HTML 2Page - Panasonic Semiconductor DE1A1BL9 Datasheet HTML 3Page - Panasonic Semiconductor DE1A1BL9 Datasheet HTML 4Page - Panasonic Semiconductor DE1A1BL9 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DE (ADE)
3
ds_61A01_en_de: 100811D
DIMENSIONS(mm inch)
Download
from our Web site.
CAD Data
CAD Data
CAD Data
Single side stable
1 coil latching type
2 coil latching type
Tolerance:
0.3 .012
0.5 dia
.020 dia
25.0
.984
12.5
.492
7.62
.300
3.5
.138
2.44
.096
15.24
.600
0.8
.032
0.8
.032
0.4
.016
1.0
.039
7.62
.300
12.0
.472
0.5
.020
0.5 dia
.020 dia
0.5 dia
.020 dia
3.5
.138
2.44
.096
0.8
.032
0.8
.032
1.0
.039
0.5
.020
25.0
.984
12.0
.472
12.70
.500
7.62
.300
2.54
.100
12.5
.492
7.62
.300
0.4
.016
PC board pattern (Bottom view)
Single side stable
1 coil latching type
2 coil latching type
Tolerance :
0.1 .004
7.62
.300
15.24
.600
6-1.2 dia
6-.047 dia
7.62
.300
8-1.2 dia
8-.047 dia
7.62
.300
12.70
.500
7.62
.300
2.54
.100
Schematic (Bottom view)
Single side stable
(1 Form A)
(5,6: dummy terminal)
(1 Form A 1 Form B)
(Deenergized condition)
(2 Form A)
4
3
1
86
5
86
5
13
4
86
5
13
4
1coil latching type
(1 Form A)
(5,6: dummy terminal)
(1 Form A 1 Form B)
(Reset condition)
(2 Form A)
1
86
3
5
4
86
5
13
4
86
5
13
4
2coil latching type
(1 Form A)
(5,6: dummy terminal)
(1 Form A 1 Form B)
(Reset condition)
(2 Form A)
5
6
1
7
8
4
3
2
4
3
2
1
87
6
5
1
5
6
7
8
4
3
2


Similar Part No. - DE1A1BL9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
logo
Nais(Matsushita Electri...
DE1A1B-1V NAIS-DE1A1B-1V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
DE1A1B-2V NAIS-DE1A1B-2V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
DE1A1B-3V NAIS-DE1A1B-3V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
DE1A1B-4V NAIS-DE1A1B-4V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
More results

Similar Description - DE1A1BL9

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DE1A-3V NAIS-DE1A-3V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
Fujitsu Component Limit...
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
logo
American Zettler, Inc.
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com