Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5393 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD5393
Description  Enhanced Dual bit 96 kHz 24-bit ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5393 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD5393 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5393 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ASAHI KASEI
[AK5393]
M0038-E-04
2000/4
- 3 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
VREFL
O
Lch Reference Voltage Pin, 3.75V
Normally connected to GNDL with a 10µF electrolytic capacitor and
a 0.1µF ceramic capacitor.
2
GNDL
-
Lch Reference Ground Pin, 0V
3
VCOML
O
Lch Common Voltage Pin, 2.75V
4
AINL+
I
Lch Analog positive input Pin
5
AINL-
I
Lch Analog negative input Pin
6
ZCAL
I
Zero Calibration Control Pin
This pin controls the calibration reference signal.
"L" :VCOML and VCOMR
"H" : Analog Input Pins (AINL
±, AINR±)
7
VD
-
Digital Power Supply Pin, 3.3V
8
DGND
-
Digital Ground Pin, 0V
9
CAL
O
Calibration Active Signal Pin
"H" means the offset calibration cycle is in progress. Offset calibration starts
when RST goes "H". CAL goes "L" after 8704 LRCK cycles for DFS="L",
17408 LRCK cycles for DFS ="H".
10
RST
I
Reset Pin
When "L", Digital section is powered-down. Upon returning "H", an
offset calibration cycle is started. An offset calibration cycle should always
be initiated after power-up.
11
12
SMODE2
SMODE1
I
I
Serial Interface Mode Select Pin
MSB first, 2's compliment.
SMODE2 SMODE1
MODE
LRCK
L
L
Slave mode
: MSB justified
: H/L
L
H
Master mode : Similar to I
2S
: H/L
H
L
Slave mode
: I
2S
: L/H
H
H
Master mode : I
2S
: L/H
13
LRCK
I/O
Left/Right Channel Select Clock Pin
LRCK goes "H" at SMODE2="L" and "L" at SMODE2="H" during reset
when SMODE1 "H".


Similar Part No. - AKD5393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
   EVALUATION BOARD REV.A FOR AK5393
AKD5393 AKM-AKD5393 Datasheet
885Kb / 23P
   professional audio 24bit A/D converter
AKD5393 AKM-AKD5393_05 Datasheet
885Kb / 23P
   professional audio 24bit A/D converter
More results

Similar Description - AKD5393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5383 AKM-AK5383 Datasheet
123Kb / 20P
   Enhanced Dual bit 96 kHz 24-bit ADC
logo
List of Unclassifed Man...
AK5357 ETC-AK5357 Datasheet
126Kb / 18P
   24 BIT 96 KHZ ADC
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871_15 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com