Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5392 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD5392
Description  Enhanced Dual Bit 24Bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5392 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD5392 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5392 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5392 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5392 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD5392 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD5392 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD5392 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD5392 Datasheet HTML 14Page - Asahi Kasei Microsystems AKD5392 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ASAHI KASEI
[AK5392]
0188-E-01
1997/11
- 11 -
OPERATION OVERVIEW
„ System Clock Input
The external clocks which are required to operate the AK5392 are MCLK, LRCK(fs),SCLK. MCLK should be
synchronized with LRCK but the phase is free of care. MCLK can be either 256fs or 384fs by setting CMODE pin.
When the 384fs is selected, the internal master clock becomes 256fs(=384fs*2/3). Table 1 illustrates standard
audio word rates and corresponding frequencies used in the AK5392.
As the AK5392 includes the phase detect circuit for LRCK, the AK5392 is reset automatically when the
synchronization is out of phase by changing the clock frequencies. Therefore, the reset is only needed for power-up.
MCLK
fs
256fs
384fs
SCLK(128fs)
32.0kHz
8.1920MHz
12.2880MHz
4.0960MHz
44.1kHz
11.2896MHz
16.9344MHz
5.6448MHz
48.0kHz
12.2880MHz
18.4320MHz
6.1440MHz
Table 1 . Examples of System Clock
„ Serial Data Interface
AK5392 supports four serial data formats which can be selected via SMODE1 and SMODE2 pins(Table 2 ). The
data format is MSB-first, 2's complement.
Figure
SMODE2
SMODE1
Mode
LRCK
Figure 1
L
L
Slave Mode
Lch=H, Rch=L
Figure 2
L
H
Master Mode
Lch=H, Rch=L
Figure 3
H
L
I2S Slave Mode
Lch=L, Rch=H
Figure 4
H
H
I2S Master Mode
Lch=L, Rch=H
Table 2 . Serial I/F Format


Similar Part No. - AKD5392

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5392 AKM-AKD5392 Datasheet
1Mb / 18P
   EVALUATION BOARD REV.B FOR AK5392
More results

Similar Description - AKD5392

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK5383 AKM-AK5383 Datasheet
123Kb / 20P
   Enhanced Dual bit 96 kHz 24-bit ADC
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
   Enhanced Dual bit 96 kHz 24-bit ADC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMC234 PADAUK-PMC234 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
logo
Asahi Kasei Microsystem...
AK5385A AKM-AK5385A Datasheet
175Kb / 24P
   24BIT 192KHZ ADC
AK7730A AKM-AK7730A Datasheet
418Kb / 62P
   24bit 2ch adc
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com