Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5383VF Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK5383VF
Description  Enhanced Dual bit 96 kHz 24-bit ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5383VF Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK5383VF Datasheet HTML 1Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 2Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 3Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 4Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ASAHI KASEI
[AK5383]
M0049-E-03
2000/4
- 1 -
GENERAL DESCRIPTION
The AK5383 is a 24bit, 128x oversampling 2ch A/D Converter for professional digital audio systems. The
modulator in the AK5383 uses the new developed Enhanced Dual Bit architecture. This new architecture
achieves the wide dynamic range, while keeping much the same superior distortion characteristics as
conventional Single Bit way. The AK5383 performs 110dB dynamic range, so the device is suitable for
professional studio equipment such as digital mixer, digital VTR etc.
FEATURES
p Enhanced Dual Bit ADC
p Sampling Rate: 1kHz~108kHz
p Full Differential Inputs
p S/(N+D): 103dB
p DR: 110dB
p S/N: 110dB
p High Performance Linear Phase Digital Anti-Alias filter
• Passband: 0~21.768kHz(@fs=48kHz)
• Ripple: 0.001dB
• Stopband: 110dB
p Digital HPF & Offset Calibration for Offset Cancel
p Power Supply: 5V±5%(Analog), 3~5.25V(Digital)
p Power Dissipation: 210mW
p Package: 28pin SOP, VSOP
p AK5393 Pin compatible
LRCK
VREFL
GNDL
SCLK
SMODE1
FSYNC
Serial Output
Interface
SMODE2
DGND
VA
AGND
BGND
CAL
RST
VD
Controller
SDATA
MCLK
DFS
HPFE
ZCAL
AINR-
GNDR
Delta-Sigma
Modulator
Delta-Sigma
Modulator
Voltage
Reference
Voltage
Reference
Decimation
Filter
Decimation
Filter
HPF
HPF
Calibration
SRAM
VCOML
AINL+
AINL-
AINR+
VCOMR
VREFR
12
11
14
13
16
15
19
17
18
8
7
10
9
21
22
23
27
28
26
24
25
6
5
4
3
2
1
Enhanced Dual Bit
∆Σ 96kHz 24-Bit ADC
AK5383


Similar Part No. - AK5383VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5383VF AKM-AK5383VF Datasheet
409Kb / 22P
   EVALUATION BOARD REV.B FOR AK5383VF
AK5383VF AKM-AK5383VF Datasheet
404Kb / 22P
   Evaluation board Rev.B for AK5383VF
More results

Similar Description - AK5383VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
   Enhanced Dual bit 96 kHz 24-bit ADC
logo
List of Unclassifed Man...
AK5357 ETC-AK5357 Datasheet
126Kb / 18P
   24 BIT 96 KHZ ADC
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871_15 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com