Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75C198DG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75C198DG4
Description  QUADRUPLE LOW-POWER LINE DRIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C198DG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75C198DG4 Datasheet HTML 6Page - Texas Instruments SN75C198DG4 Datasheet HTML 7Page - Texas Instruments SN75C198DG4 Datasheet HTML 8Page - Texas Instruments SN75C198DG4 Datasheet HTML 9Page - Texas Instruments SN75C198DG4 Datasheet HTML 10Page - Texas Instruments SN75C198DG4 Datasheet HTML 11Page - Texas Instruments SN75C198DG4 Datasheet HTML 12Page - Texas Instruments SN75C198DG4 Datasheet HTML 13Page - Texas Instruments SN75C198DG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SN75C198
QUADRUPLE LOW-POWER LINE DRIVERS
SLLS051C – JULY 1990 – REVISED MARCH 1997
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
TA – Free-Air Temperature – °C
2
120
0
0
2040
6080
100
0.5
1
1.5
tPHL
tPLH
RL = 3 kΩ
RL = 7 kΩ
RL = 7 kΩ
RL = 3 kΩ
PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
1.75
1.25
0.75
0.25
VCC
± = ±12 V
CL = 15 pF
1.5
0.5
0
2
100
80
60
40
20
0
120
TA – Free-Air Temperature – °C
tTHL
tTLH
tTHL
tTLH
CL = 2500 pF
CL = 15 pF
1
OUTPUT TRANSITION TIME
vs
FREE-AIR TEMPERATURE
1.75
1.25
0.75
0.25
VCC ± = ± 12 V
RL = 3 kΩ to 7 kΩ
Figure 14
Figure 15
OUTPUT ENABLE TIME TO HIGH LEVEL
vs
FREE-AIR TEMPERATURE
30
120
0
0
20
40
60
80
100
5
10
15
20
25
TA – Free-Air Temperature – °C
VCC ± = ± 12 V
RL = 3 kΩ
CL = 15 pF
Figure 16
0.7
0.6
0.5
0.4
0.3
100
80
60
40
20
0
0.2
120
0.8
OUTPUT DISABLE TIME FROM HIGH LEVEL
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC ± = ± 12 V
RL = 3 kΩ
CL = 15 pF


Similar Part No. - SN75C198DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C198D TI-SN75C198D Datasheet
207Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results

Similar Description - SN75C198DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198 TI-SN75C198 Datasheet
207Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C188 TI-SN75C188 Datasheet
166Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC174 TI1-SN65LBC174_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com