Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5370VF Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK5370VF
Description  USB I/F A/D CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5370VF Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK5370VF Datasheet HTML 2Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 3Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 4Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 9Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ASAHI KASEI
[AK5370]
MS0027-E-00
6
2000/05
Master
Clock
D-
D+
VD”H”
Tresm
Tsus_rec
RST”H”
Figure 2.
Mode Change with respect to Bus States 2 (Bus transactions)
Transmitter Characteristics
Ta=25°C; VD=3.3V; DGND=0V; CL=50pF
Parameter
Symbol
Pins
Conditions
Min
Typ
Max
Units
Data Rate
DR
DP,DN
11.97
12
12.03
MHz
Output Impedance (Hi)
Roh
DP, DN
DP, DN=”H”
30
Output Impedance (Lo)
Rol
DP, DP
DP, DN=”L”
30
“H” level Output Voltage
Vohd
DP, DN
IOH=-200uA
2.8
V
“L” level Output Voltage
Vold
DP, DN
IOH=2.2mA
0.3
V
Tri-state Leakage Current
Iolk
DP, DN
0 < DP, DN< 3.3V
-10
10
µA
Rise/Fall Time
Trf/Tff
DP, DN
4
12
20
ns
Rise/Fall Time Matching
Trfm
DP, DN
100
%
Crossover Point
Vcrs
DP, DN
1.6
V
10%VDD
90%VDD
Trs
Trf
DP, DN
Tfs
Tff
Figure 3.
Rise/Fall Time
Vcrs
DP, DN
Figure 4.
Crossover Point


Similar Part No. - AK5370VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK5371A AKM-AK5371A Datasheet
309Kb / 32P
   2ch A/D Converter with USB I/F
AK5371AVQ AKM-AK5371AVQ Datasheet
309Kb / 32P
   2ch A/D Converter with USB I/F
AK5371VQ AKM-AK5371VQ Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK5373 AKM-AK5373 Datasheet
567Kb / 53P
   24-bit Stereo ADC with USB Interface
More results

Similar Description - AK5370VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5371A AKM-AK5371A Datasheet
309Kb / 32P
   2ch A/D Converter with USB I/F
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK4571 AKM-AK4571 Datasheet
309Kb / 54P
   USB I/F Audio CODEC
logo
Toshiba Semiconductor
TC35080P TOSHIBA-TC35080P Datasheet
730Kb / 11P
   10-BIT SERIAL I/O A/D CONVERTER
logo
Tripp Lite. All Rights ...
U005-10I TRIPPLITE-U005-10I Datasheet
481Kb / 2P
   USB A/A Extension Cable (USB-A Left-Angle M to USB-A F), 10-in.
U00510I TRIPPLITE-U00510I Datasheet
480Kb / 2P
   USB A-A Extension Cable (USB-A Left-Angle M to USB-A F), 10-in
logo
E-Tech Electronics LTD
GSCLM393 ETL-GSCLM393 Datasheet
233Kb / 4P
   D U A L D I F F E R E N T I A L C O M P A R AT O R
logo
Tripp Lite. All Rights ...
U004010R TRIPPLITE-U004010R Datasheet
473Kb / 2P
   USB 1.1 Gold Extension Cable (USB-A M-F)
logo
Hirose Electric
ZX360 HIROSE-ZX360 Datasheet
607Kb / 1P
   Next Generation I/F Connector Supporting Micro USB 3.0
logo
Texas Instruments
ADCV08832 TI1-ADCV08832 Datasheet
304Kb / 16P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com