Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q5-4XR Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # Q5-4XR
Description  HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

Q5-4XR Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  Q5-4XR_13 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.Qualtekusa.com
Q5-4XR
SEMI-RIGID, ADHESIVE LINED HEAT SHRINKABLE TUBING
SHRINK RATIO 4:1
Features/Applications
Specially designed for the protection of wires, terminals and other components
against environmental damage. The semi-rigid composition makes it more abrasion
range of component diameters. With its thicker liner, it forms an effective barrier
Product Dimensions
Notes:
1.
* See page 13 - Part Number Guide for standard packaging codes.
2.
Cross Reference Guide located on page 3.
3.
Special sizes, packaging, colors and cut pieces are available upon request.
4.
Halogen free heat-shrinkable adhesive-lined tubing is available upon request.
Operating temperature: -55°C to +125°C
Minimum shrink temperature: 110°C
Full recovery temperature: 135°C
Meets: SAE-AMS-DTL-23053/4, 600V
Standard colors: Black and clear
RoHS Compliant
HEAT SHRINKMEDIUM/ HEAVY WALL -ADHESIVE LINED
Size
(Inch)
As Supplied (mm)
After Recovered
(mm)
Standard
Packaging
Inside Diameter
(min.)
Inside
Diameter
(max.)
Wall
Thickness
(min.)
Adhesive
Thickness
(nom.)
Cut to Length
Pcs.
(QB)*
Qty per bag
6”
48”
6/1.27
6
1.27
1.30
0.56
20
5
8/1.65
8
1.65
1.52
0.76
16
5
12/2.41
12
2.41
1.91
1.02
14
5
18/4.45
18
4.45
2.41
1.37
12
5
Technical Data
14
Property
Test Method
Typical Data
Tensile Strength
ASTM D 2671
>16 MPa
Tensile Strength After Aging (158°C, 168 hrs.)
ASTM D 2671
>13 MPa
Elongation at Break
ASTM D 2671
>400%
Elongation at Break After Aging (158°C, 168 hrs.)
ASTM D 2671
>300%
Longitudinal Shrinkage
UL 224
0 ± 5%
Heat Shock
250°C, 4 hrs.
No cracking, no dropping
Cold Bend ( -30°C, 1 hr.)
ASTM D 2671
No cracking
Breakdown Voltage
ASTM D 2671
AC 2500V (min.)
Volume Resistance
ASTM D 2671
>10 Ω.cm
Flammability
-
Self extinguish in 30 seconds
Copper Corrosion (158°C, 168 hrs.)
UL 224
Pass
Property of adhesive
Ring-Ball Soft Point
ASTM E 28
110°C ± 5°C


Similar Part No. - Q5-4XR_13

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q5-4XR QUALTEK-Q5-4XR Datasheet
646Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL TUBING - ADHESIVE LINED
More results

Similar Description - Q5-4XR_13

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q5-4X QUALTEK-Q5-4X_13 Datasheet
684Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
QRA-6X QUALTEK-QRA-6X_13 Datasheet
663Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-F3X QUALTEK-Q5-F3X_13 Datasheet
737Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
logo
List of Unclassifed Man...
QD-2000 ETC-QD-2000 Datasheet
2Mb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
QEC-150 ETC-QEC-150 Datasheet
350Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
logo
Qualtek Electronics Cor...
Q5-F4X QUALTEK-Q5-F4X_13 Datasheet
701Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-3X QUALTEK-Q5-3X_13 Datasheet
806Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
logo
List of Unclassifed Man...
QFR-135 ETC-QFR-135 Datasheet
550Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
logo
Qualtek Electronics Cor...
Q5-2X QUALTEK-Q5-2X_13 Datasheet
728Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-3XM QUALTEK-Q5-3XM_13 Datasheet
582Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com