Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4374AIPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4374AIPWR
Description  6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4374AIPWR Datasheet(HTML) 2 Page - Texas Instruments

  OPA4374AIPWR Datasheet HTML 1Page - Texas Instruments OPA4374AIPWR Datasheet HTML 2Page - Texas Instruments OPA4374AIPWR Datasheet HTML 3Page - Texas Instruments OPA4374AIPWR Datasheet HTML 4Page - Texas Instruments OPA4374AIPWR Datasheet HTML 5Page - Texas Instruments OPA4374AIPWR Datasheet HTML 6Page - Texas Instruments OPA4374AIPWR Datasheet HTML 7Page - Texas Instruments OPA4374AIPWR Datasheet HTML 8Page - Texas Instruments OPA4374AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
OPA373, OPA2373
OPA374
OPA2374, OPA4374
SBOS279E − SEPTEMBER 2003 − REVISED MAY 2008
www.ti.com
2
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
Shutdown
OPA373
SOT23-6
DBV
−40
°C to +125°C
A75
OPA373AIDBVT
Tape and Reel, 250
OPA373AIDBVR
Tape and Reel, 3000
OPA373
SO-8
D
−40
°C to +125°C
OPA373A
OPA373AID
Rails, 100
OPA373AIDR
Tape and Reel, 2500
OPA2373
MSOP-10
DGS
−40
°C to +125°C
AYO
OPA2373AIDGST
Tape and Reel, 250
OPA2373AIDGSR
Tape and Reel, 2500
OPA2373
DFN-10
DRC
−40
°C to +125°C
OCEQ
OPA2373AIDRCT
Tape and Reel, 250
OPA2373AIDRCR
Tape and Reel, 3000
Non-Shutdown
OPA374
SOT23-5
DBV
−40
°C to +125°C
A76
OPA374AIDBVT
Tape and Reel, 250
OPA374AIDBVR
Tape and Reel, 3000
OPA374
SO-8
D
−40
°C to +125°C
OPA274A
OPA374AID
Rails, 100
OPA374AIDR
Tape and Reel, 2500
OPA2374
SOT23-8
DCN
−40
°C to +125°C
ATP
OPA2374AIDCNT
Tape and Reel, 250
OPA2374AIDCNR
Tape and Reel, 3000
OPA2374
SO-8
D
−40
°C to +125°C
OPA2374A
OPA2374AID
Rails, 100
OPA2374AIDR
Tape and Reel, 2500
OPA4374
SO-14
D
−40
°C to +125°C
OPA4374A
OPA4374AID
Rails, 58
OPA4374AIDR
Tape and Reel, 2500
OPA4374
TSSOP-14
PW
−40
°C to +125°C
OPA4374A
OPA4374AIPWT
Tape and Reel, 250
OPA4374AIPWR
Tape and Reel, 2500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this datasheet.
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
+7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals, Voltage(2)
−0.5V to (V+) + 0.5V
. . . . . . . . .
Current(2)
±10mA
. . . . . . . . . . . . . . . . . . .
Output Short-Circuit(3)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−55
°C to +150°C
. . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.5V beyond the supply
rails should be current-limited to 10mA or less.
(3) Short-circuit to ground, one amplifier per package.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.


Similar Part No. - OPA4374AIPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4374AIPWR BURR-BROWN-OPA4374AIPWR Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA4374AIPWR TI1-OPA4374AIPWR Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
OPA4374AIPWRG4 TI1-OPA4374AIPWRG4 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
More results

Similar Description - OPA4374AIPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com