Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5370 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK5370
Description  USB I/F A/D CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5370 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK5370 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5370 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5370 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5370 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5370 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5370 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5370 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5370 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5370 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ASAHI KASEI
[AK5370]
MS0027-E-00
8
2000/05
n Overview of AK5370
The AK5370 is the advanced A/D converter, which converts analog signal of condenser microphone into USB audio class formats.
This
device is suitable for USB microphone.
The AK5370 includes the following blocks:
1.
AD converter
2.
Pre-Amplifier with variable gain/attenuation
3.
Serial Interface Engine
4.
Control block of Audio Device Class
Support Mute, Gain/Attenuation, Sampling Frequency Control, and AGC (only decode the request)
5.
USB transceiver
AK4170 compliant
6.
FIFO memory for bus synchronization
Memory Size (16bit wide x 100 depth)
7.
PLL
Synchronize Audio Stream data with USB bus I/F
The AK5370 supports 5 sampling frequencies (8kHz, 11.025kHz, 22.05kHz, 44.1kHz, 48kHz) mute control, volume control of Feature
Unit in Audio Device Class.
In addition to this, as the AK5370 decodes the AGC request, and puts “H” or “L” level to the external pin,
AGC pin, it is easy to implement AGC with external circuit.
In order to support these frequencies, the AK5370 incorporates PLL.
In addition to this, as the AK5370 consumes low power, it is
possible to operate as bus-powered device.
n Class & Descriptor Overview
USB peripheral usually belongs to a group, “Class”.
The AK5370 belongs to Audio Device Class.
The Class consists of four
Descriptors, Device Descriptor, Configuration Descriptor, Interface Descriptor, and Endpoint Descriptor.
The AK5370 has Audio
Specific Interface Descriptor and Endpoint Descriptor.
(1) Device Descriptor
Device Descriptor describes the product information; product name, manufacturer, etc.
In addition to this, Device Descriptor has
Endpoint0 fifo-buffer size.
At enumeration phase, host reads 8 bytes from the top of Device Descriptor at first.
The host knows by
reading bMaxPacketSize0 in the Device Descriptor, and uses this value for the following transactions, and does not send the bigger data
at once.
(2) Configuration Descriptor
Configuration Descriptor informs the host of the number of Interface, Bus-powered/Self-Powered device, etc.
This descriptor is the same as Standard Interface Descriptor.
(3) Interface Descriptor
There are two Interfaces in Audio Class; Audio Control (AC) Interface, and Audio Streaming (AS) Interface.
Each Audio Interface includes Standard Interface Descriptor and Class-Specific Interface.
Standard AC Interface Descriptor describes interface’s class.
Class-Specific AC Interface Descriptor is a concatenation of all the descriptors that are used to fully describe the audio function.
As the AK5370 has three logical audio functions; Input Terminal, Output Terminal, and Feature Unit (mute, volume, AGC), each
terminal and unit has their own Descriptor.
Not only each descriptor has their own information, but also has connection information between the blocks.
For example, bSourceID field in Output Terminal Descriptor is 0x03, which is ID of Feature Unit.
This means that Feature Unit is
connected to Output Terminal.
Standard AS Interface has the interface class name (AUDIO) and sub-class name (AUDIO_STREAMING), the related Endpoint number,
etc.
Class-Specific AS Interface Descriptor mainly shows Audio Data Format information that follows as Descriptor.
There is a note for Alternate Setting:
Alternate setting 0 is a zero-bandwidth setting, used to relinquish the claimed bandwidth on the bus when the microphone is not in use. It
is the default setting after power-up. The zero bandwidth is implemented by specifying that this alternate setting of the interface has no
endpoints associated with it (bNumEndpoints=0).
(4) Endpoint Descriptor


Similar Part No. - AK5370

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK5371A AKM-AK5371A Datasheet
309Kb / 32P
   2ch A/D Converter with USB I/F
AK5371AVQ AKM-AK5371AVQ Datasheet
309Kb / 32P
   2ch A/D Converter with USB I/F
AK5371VQ AKM-AK5371VQ Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK5373 AKM-AK5373 Datasheet
567Kb / 53P
   24-bit Stereo ADC with USB Interface
More results

Similar Description - AK5370

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5371A AKM-AK5371A Datasheet
309Kb / 32P
   2ch A/D Converter with USB I/F
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK4571 AKM-AK4571 Datasheet
309Kb / 54P
   USB I/F Audio CODEC
logo
Toshiba Semiconductor
TC35080P TOSHIBA-TC35080P Datasheet
730Kb / 11P
   10-BIT SERIAL I/O A/D CONVERTER
logo
Tripp Lite. All Rights ...
U005-10I TRIPPLITE-U005-10I Datasheet
481Kb / 2P
   USB A/A Extension Cable (USB-A Left-Angle M to USB-A F), 10-in.
U00510I TRIPPLITE-U00510I Datasheet
480Kb / 2P
   USB A-A Extension Cable (USB-A Left-Angle M to USB-A F), 10-in
logo
E-Tech Electronics LTD
GSCLM393 ETL-GSCLM393 Datasheet
233Kb / 4P
   D U A L D I F F E R E N T I A L C O M P A R AT O R
logo
Tripp Lite. All Rights ...
U004010R TRIPPLITE-U004010R Datasheet
473Kb / 2P
   USB 1.1 Gold Extension Cable (USB-A M-F)
logo
Hirose Electric
ZX360 HIROSE-ZX360 Datasheet
607Kb / 1P
   Next Generation I/F Connector Supporting Micro USB 3.0
logo
Texas Instruments
ADCV08832 TI1-ADCV08832 Datasheet
304Kb / 16P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com